Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 36 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 32Page - Analog Devices AD9911/PCB Datasheet HTML 33Page - Analog Devices AD9911/PCB Datasheet HTML 34Page - Analog Devices AD9911/PCB Datasheet HTML 35Page - Analog Devices AD9911/PCB Datasheet HTML 36Page - Analog Devices AD9911/PCB Datasheet HTML 37Page - Analog Devices AD9911/PCB Datasheet HTML 38Page - Analog Devices AD9911/PCB Datasheet HTML 39Page - Analog Devices AD9911/PCB Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
AD9911
Rev. 0 | Page 36 of 44
CHANNEL REGISTER MAP
Table 25.
Register Name
(Address)
Bit
Range
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
Channel
Function1 (CFR)
(0x03)
<7:0>
Digital power-
down
DAC
power
down
Matched
pipe delays
active
Auto clear
sweep
accumulator
Clear sweep
accumulator
Auto clear
phase
accumulator
Clear phase
accumulator2
Sine
wave
output
enable
0x02
<15:8>
Linear sweep
no-dwell
Linear
sweep
enable
Load SRR
at I/O
Update
Open
Open
Must be 0
DAC full-scale current
control <9:8>
0x03
<23:16>
Amplitude frequency
phase select <23:22>
Open <21:19>
Data align bits for SpurKiller mode
<18:16>
0x00
<7:0>
Frequency Tuning Word 0 <7:0>
0x00
<15:8>
Frequency Tuning Word 0 <15:8>
<23:16>
Frequency Tuning Word 0 <23:16>
Channel
Frequency Tuning
Word 01 (CTW0)
(0x04)
<31:24>
Frequency Tuning Word 0 <31:24>
<7:0>
Phase Offset Word 0
0x00
Channel Phase1
Offset Word 0
(CPOW0) (0x05)
<15:8>
Open <15:14>
Phase Offset Word 0 <13:8>
0x00
<7:0>
Amplitude scale factor
0x00
<15:8>
Increment/decrement
step size <15:14>
Open
Amplitude
multiplier
enable
Ramp-up/
ramp-down
enable
Load ARR at I/O
update
Amplitude scale
factor <9:8>
0x00
Amplitude
Control (ACR)
(0x06)
<23:16>
Amplitude ramp rate <23:16>
–
<7:0>
Linear sweep rising ramp rate (RSRR) <7:0>
–
Linear Sweep
Ramp Rate1 (LSR)
(0x07)
<15:8>
Linear sweep falling ramp rate (FSRR) <15:8>
–
LSR Rising Delta1
(RDW) (0x08)
<7:0>
Rising delta word <7:0>
–
<15:8>
Rising delta word <15:8>
–
<23:16>
Rising delta word <23:16>
–
<31:24>
Rising delta word <31:24>
–
LSR Falling Delta1
(FDW) (0x09)
<7:0>
Falling delta word <7:0>
–
<15:8>
Falling delta word <15:8>
–
<23:16>
Falling delta word <23:16>
–
<31:24>
Falling delta word <31:24>
–
1 There are four sets of channel registers and profile registers, one per channel. This is not shown in the channel or profile register maps because the addresses of all
channel registers and profile registers are the same for each channel. Therefore, the channel enable bits determine if the channel registers and/or profile registers are
written to or not.
2 The clear accumulator bit is set after a master reset. It self clears when an I/O update is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com