Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 10Page - Analog Devices AD9911/PCB Datasheet HTML 11Page - Analog Devices AD9911/PCB Datasheet HTML 12Page - Analog Devices AD9911/PCB Datasheet HTML 13Page - Analog Devices AD9911/PCB Datasheet HTML 14Page - Analog Devices AD9911/PCB Datasheet HTML 15Page - Analog Devices AD9911/PCB Datasheet HTML 16Page - Analog Devices AD9911/PCB Datasheet HTML 17Page - Analog Devices AD9911/PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
AD9911
Rev. 0 | Page 14 of 44
–170
–160
–150
–140
–130
–120
–110
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
75.1MHz
100.3MHz
40.1MHz
15.1MHz
Figure 19. Residual Phase Noise (SSB) with fOUT = 15.1 MHz, 40.1 MHz,
75.1 MHz, 100.3 MHz, fCLK = 500 MHz with REF_CLK Multiplier Bypassed
–70
–170
10
10M
FREQUENCY OFFSET (Hz)
–80
–90
–100
–110
–120
–130
–140
–150
–160
100
1k
10k
100k
1M
100.3MHz
75.1MHz
15.1MHz
40.1MHz
Figure 20. Residual Phase Noise (SSB) with fOUT = 15.1 MHz, 40.1 MHz,
75.1 MHz, 100.3 MHz, fCLK = 500 MHz with REF_CLK Multiplier = 5×
–70
–170
10
10M
FREQUENCY OFFSET (Hz)
–80
–90
–100
–110
–120
–130
–140
–150
–160
100
1k
10k
100k
1M
100.3MHz
75.1MHz
15.1MHz
40.1MHz
Figure 21. Residual Phase Noise(SSB) with fOUT = 15.1 MHz, 40.1 MHz,
75.1 MHz, 100.3 MHz, fCLK = 500 MHz with REF_CLK Multiplier = 20×
235
75
100
500
CLOCK FREQUENCY (MHz)
215
195
175
155
135
115
95
150
200
250
300
350
400
450
Figure 22. Power vs. System Clock Frequency
0
–100
CENTER 50.17407705MHz
SPAN 15MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
1.5MHz/
1
Figure 23. Amplitude Modulation Using Primary Channel
(CH1 = 50 MHz) and One Auxiliary Channel (CH0 = 1 MHz)
0
–100
CENTER 10.2MHz
SPAN 750kHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
75kHz/
1
Figure 24. Two-Tone Generation Using Primary Channel (CH1 = 10.1 MHz)
and One Auxiliary Channel (CH0 = 10.3 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com