Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 26 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 22Page - Analog Devices AD9911/PCB Datasheet HTML 23Page - Analog Devices AD9911/PCB Datasheet HTML 24Page - Analog Devices AD9911/PCB Datasheet HTML 25Page - Analog Devices AD9911/PCB Datasheet HTML 26Page - Analog Devices AD9911/PCB Datasheet HTML 27Page - Analog Devices AD9911/PCB Datasheet HTML 28Page - Analog Devices AD9911/PCB Datasheet HTML 29Page - Analog Devices AD9911/PCB Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
AD9911
Rev. 0 | Page 26 of 44
FTW0
SINGLE–TONE
MODE
LINEAR SWEEP MODE
PS<1> = 1
PS<1> = 0
PS<1> = 0
TIME
FTW1
A
B
fOUT
Figure 45. Linear Sweep Enabled-No Dwell Bit Cleared
SWEEP AND PHASE ACCUMULATOR CLEARING
FUNCTIONS
The AD9911 provides two different clearing functions. The first
function is a continuous zeroing of the sweep logic and phase
accumulator (clear and hold). CFR <3> clears the sweep
accumulator and CFR <1> clears the phase accumulator
The second function is a clear and release or automatic zeroing
function. CFR <4> is the automatic clear sweep accumulator bit
and CFR <2> is the automatic clear phase accumulator bit.
Continuous Clear Bits
The continuous clear bits are static control signals that, when
high, hold the respective accumulator at 0. When the bit is
programmed low, the respective accumulator is released.
Clear and Release Bits
The auto clear sweep accumulator bit, when set, clears and
releases the sweep accumulator upon an I/O update or a change
in the profile input pins. The auto clear phase accumulator,
when set, clears and releases the phase accumulator upon an
I/O update or a change in the profile pins. The automatic clear-
ing function is repeated for every subsequent I/O update or
change in profile pins until the clear and release bits are cleared
via the I/O port.
OUTPUT AMPLITUDE CONTROL
The output amplitude may be controlled via one of four
methods. Output amplitude control is implemented by the use
of the 10-bit output scale factor (multiplier). See Figure 46 for
output amplitude control configurations. For further details on
the corresponding methods, see the Shift Keying Modulation
section and the Linear Sweep (Shaped) Modulation Mode
sections. The remaining methods (Manual and Automatic
RU/RD) are described in this section.
The RU/RD feature is used to control an on/off emission from
the DAC. This helps reduce the adverse spectral impact of
abrupt burst transmissions of digital data. The multiplier can be
bypassed by clearing the multiplier enable bit (ACR <12> = 0).
Automatic and manual RU/RD modes are supported. The
automatic mode generates a zero to full-scale (10-bits) linear
ramp at a rate set using the amplitude ramp rate control register
(ACR <23:16>). Ramp initiation and direction (up/down) is
controlled using either the profile pins or the SDIO1:3 pins.
See Table 21. Manual mode is selected by programming ACR
<12:11> = 10. In this mode, the user sets the output amplitude
by writing to the amplitude scale factor value in the amplitude
control register (Register 0x06 Bits <9:0>).
Automatic RU/RD Mode Operation
The automatic RU/RD mode is entered by setting ACR <12:11>
= 11. In this mode, the scale factor is internally generated and
applied to the multiplier input port for scaling the output. The
scale factor is the output of a 10-bit counter that increments/
decrements at a rate set by the 8-bit output ramp rate in Register
0x06 Bits <23:16>. The scale factor increments if the external
pin is high and decrements if the pin is low. The scale factor
step size is selected using the ACR<15:14>. Table 20 details the
step size options available.
Table 20.
Autoscale Factor Step Size
ASF <15:14> (Binary)
Increment/Decrement Size
00
1
01
2
10
4
11
8
The amplitude scale factor register allows the device to ramp to
a value less than full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com