Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 31 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 27Page - Analog Devices AD9911/PCB Datasheet HTML 28Page - Analog Devices AD9911/PCB Datasheet HTML 29Page - Analog Devices AD9911/PCB Datasheet HTML 30Page - Analog Devices AD9911/PCB Datasheet HTML 31Page - Analog Devices AD9911/PCB Datasheet HTML 32Page - Analog Devices AD9911/PCB Datasheet HTML 33Page - Analog Devices AD9911/PCB Datasheet HTML 34Page - Analog Devices AD9911/PCB Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
AD9911
Rev. 0 | Page 31 of 44
Bit 7 of the instruction byte (R/Wb) determines whether a read
or write data transfer occurs after the instruction byte write. set
indicates a read operation; Cleared indicates a write operation.
Bit 4 to Bit 0 of the instruction byte determine which register is
accessed during the data transfer portion of the
communications cycle. The internal byte addresses are
generated by the AD9911.
I/O PORT PIN DESCRIPTION
Data Clock (SCLK)
The clock pin is used to synchronize data to and from the
internal state machines of the AD9911.
Chip Select (CS)
The chip select pin allows more than one AD9911 device to be
on the same communications lines. The chip select is an active
low enable pin. Defined SDIO inputs go to a high impedance
state when CS is high. If CS is driven high during any
communications cycle, that cycle is suspended until CS is
reactivated low.
Data I/O (SDIO_0:3)
Of the four SDIO pins, only the SDIO_0 pin is dedicated to this
function. SDIO_1:3 can be used to control the ramping of the
output amplitude. Bits <2:1> in the channel select register (CSR
Register 0x00) control the configuration of these pins. See the
I/O Modes of Operation section for more information.
I/O PORT FUNCTION DESCRIPTION
Serial Data Out (SDO)
The SDO function is available in single-bit (3-wire) mode only.
In SDO mode, data is read from the SDIO_2 pin for protocols
that use separate lines for reading and writing data (see Table 23
for pin configuration options). Bits <2:1> in the CSR register
(Register 0x00) control the configuration of this pin. The SDO
function is not available in 2-bit and 4-bit I/O modes.
SYNC_I/O
The SYNC_I/O function is available in 1-bit and 2-bit modes.
SDIO_3 serves as the SYNC_I/O pin, as configured by Bits
<2:1> in the CSR register (Register 0x00). Otherwise, the
SYNC_I/O function is used to synchronize the I/O port state
machines without affecting the addressable register contents.
An active high input on the SYNC_I/O pin causes the current
communication cycle to abort. After SDIO_3 returns low (Logic
0), another communication cycle can begin. The SYNC_I/O
function is not available in 4-bit I/O mode.
MSB/LSB TRANSFER DESCRIPTION
The AD9911 I/O port supports either MSB or LSB first data
formats. This functionality is controlled by CSR <0> in the
channel select register (CSR). MSB-first is the default. When
CSR <0> is set, the I/O port is LSB-first. The instruction byte
must be written in the manner selected by CSR <0>.
Example
To write the Function Register 1 (FR1) in MSB-first format,
apply an instruction byte of MSB > 00000001 < LSB, starting
with the MSB. The internal controller recognizes a write
transfer of three bytes starting with the MSB, Bit <23>, in the
FR1 address (Register 0x01). Bytes are written on each
consecutive rising SCLK edge until Bit<0> is transferred. This
indicates the I/O communication cycle is complete and the next
byte is considered an instruction byte.
To write the Function Register 1 (FR1) in LSB-first format,
apply an instruction byte of MSB > 00000001 < LSB, starting
with the LSB. The internal controller recognizes a write transfer
of three bytes, starting with the LSB, Bit <0>, in the FR1 address
(Register 0x01). Bytes are written on each consecutive rising
SCLK edge until Bit <23> is transferred. Once the last data bit is
written, the I/O communication cycle is complete and the next
byte is considered an instruction byte.
I/O MODES OF OPERATION
There are four selectable modes of I/O port operation:
•
Single-bit serial 2-wire mode (default mode).
•
Single-bit, 3-wire mode.
•
2-bit mode.
•
4-bit mode (SYNC_I/O not available).
Table 23 displays the function of all six I/O interface pins,
depending on the mode of I/O operation selected.
Table 23. I/O Port Pin Function vs. I/O Mode
Pin
Name
Single Bit,
2-Wire
Mode
Single Bit,
3-Wire
Mode
2-Bit Mode 4-Bit Mode
SCLK
I/O
I/O
I/O
I/O
Clock
Clock
Clock
Clock
CSB
Chip
Select
Chip
Select
Chip
Select
Chip Select
SDIO_0
Data I/O
Data In
Data I/O
Data I/O
SDIO_1
Not used
for SDIO1
Not used
for SDIO1
Data I/O
Data I/O
SDIO_2
Not used
for SDIO1
Serial Data
Out (SDO)
Not used
for SDIO1
Serial Data
I/O
SDIO_3
SYNC_I/O
SYNC_I/O
SYNC_I/O
Serial Data
I/O
1In this mode, these pins can be used for RU/RD operation
.
The two bits, CSR <2:1>, in the channel select register set the
I/O mode of operation. These bits are defined as follows:
CSR <2:1> = 00. Single bit serial mode (2-wire mode)
CSR <2:1> = 01. Single bit serial mode (3-wire mode)
CSR <2:1> = 10. 2-bit mode
CSR <2:1> = 11. 4-bit mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com