Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 21Page - Analog Devices AD9911/PCB Datasheet HTML 22Page - Analog Devices AD9911/PCB Datasheet HTML 23Page - Analog Devices AD9911/PCB Datasheet HTML 24Page - Analog Devices AD9911/PCB Datasheet HTML 25Page - Analog Devices AD9911/PCB Datasheet HTML 26Page - Analog Devices AD9911/PCB Datasheet HTML 27Page - Analog Devices AD9911/PCB Datasheet HTML 28Page - Analog Devices AD9911/PCB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
AD9911
Rev. 0 | Page 25 of 44
sweep is then complete and the output held constant in
frequency. See Figure 43 for the linear sweep circuitry.
Figure 45 depicts a frequency sweep with no-dwell mode
disabled. In this mode, the output follows the state of the profile
pin. A phase or amplitude sweep works in the same manner
with fewer bits.
LINEAR SWEEP NO DWELL MODE
To enable linear sweep no dwell mode, set CFR <15>. The rising
sweep is started by setting the profile input pin to 1. The
frequency, phase or amplitude continues to sweep up at the rate
set by the rising sweep ramp rate and the resolution set by the
rising delta tuning word, until it reaches E0. The output then
reverts to the S0 and stalls until high is detected on the
profile pin.
Figure 44 demonstrates the no-dwell mode. The points labeled
A indicate where a rising edge is detected on the profile pin.
Points labeled B indicate at which points where the AD9911 has
determined that the output has reached E0 and reverts to S0.
The falling ramp rate register and the falling delta word are
unused in this mode.
RATE TIME
LOAD CONTROL
LOGIC
LIMIT LOGIC TO
KEEP SWEEP BETWEEN
S0 AND E0
RAMP RATE TIMER:
8-BIT LOADABLE DOWN COUNTER
ACCUMULATOR RESET
LOGIC
0
1
MUX
0
1
MUX
0
1
MUX
PROFILE PIN
0
1
8
MUX
0
1
MUX
FDW
RDW
FSRR
RSRR
0
0
N
N
N
N
N
N
N
PROFILE PIN
Z–1
CTW1
SWEEP ACCUMULATOR
SWEEP ADDER
CTW0
Figure 43. Linear Sweep Block Circuitry
FTW0
SINGLE–TONE
MODE
FTW1
AA
A
B
BB
fOUT
TIME
PS<1> = 1 PS<1> = 0
PS<1> = 0
PS<1> = 1
PS<1> = 1
PS<1> = 0
Figure 44. Linear Sweep Mode Enabled—No Dwell Bit Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com