Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 35 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 31Page - Analog Devices AD9911/PCB Datasheet HTML 32Page - Analog Devices AD9911/PCB Datasheet HTML 33Page - Analog Devices AD9911/PCB Datasheet HTML 34Page - Analog Devices AD9911/PCB Datasheet HTML 35Page - Analog Devices AD9911/PCB Datasheet HTML 36Page - Analog Devices AD9911/PCB Datasheet HTML 37Page - Analog Devices AD9911/PCB Datasheet HTML 38Page - Analog Devices AD9911/PCB Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
AD9911
Rev. 0 | Page 35 of 44
REGISTER MAPS
CONTROL REGISTER MAP
Table 24.
Register
Name
(Address)
Bit
Range
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Channel
Select
Register
(CSR)
(0x00)
<7:0>
Auxiliary
Channel 3
(W/R enable1)
Auxiliary
Channel 2
(W/R enable1)
Primary Channel 1
(W/R enable1)
Auxiliary
Channel 0
(W/R enable1)
Must
be 0
I/0 mode select <2:1>
LSB first
0xF0
Function
Register 1
(FR1)
(0x01)
<7:0>
Reference clock
input power
down
External power
down mode
Sync clock
disable
DAC reference
power down
Open
Test-
tone
enable
Manual
hardware
synchronization
Manual software
synchronization
0x00
<15:8>
Open
Profile pin configuration <14:12>
Ramp up/ramp
down <11:10>
Modulation Level <9:8>
0x00
<23:16>
VCO gain control
PLL divider ratio <22:18>
Charge pump control <17:16>
0x00
Function
Register 2
(FR2)
(0x02)
<7:0>
Multidevice
synchronization
slave enable
Multidevice
synchronization
master enable
Multidevice
synchronization
status
Multidevice
synchronization
mask
Open <3:2>
System clock offset <1:0>
0x00
<15:8>
All channels auto
clear sweep
accumulator
All channels
clear sweep
accumulator
All channels auto
clear phase
accumulator
All channels
clear phase
accumulator
Open <11:10>
Open <9:8>
0x00
1 Channel enable bits do not require an I/O update to be activated. These bits are active immediately after the byte containing the bits is written. All other bits need an
I/O update to become active. The channel enable bits determine if the channel registers and/or profile registers are written to or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com