Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 38 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 34Page - Analog Devices AD9911/PCB Datasheet HTML 35Page - Analog Devices AD9911/PCB Datasheet HTML 36Page - Analog Devices AD9911/PCB Datasheet HTML 37Page - Analog Devices AD9911/PCB Datasheet HTML 38Page - Analog Devices AD9911/PCB Datasheet HTML 39Page - Analog Devices AD9911/PCB Datasheet HTML 40Page - Analog Devices AD9911/PCB Datasheet HTML 41Page - Analog Devices AD9911/PCB Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
AD9911
Rev. 0 | Page 38 of 44
CONTROL REGISTER DESCRIPTIONS
CHANNEL SELECT REGISTER (CSR)
The CSR register determines if channels are enabled or disabled
by the status of the channel enable bits. Channels are enabled by
default. The CSR register also determines which mode and
format (MSB-first or LSB-first) of operation is active.
The CSR is comprised of one byte located in Register 0x00.
CSR <0> LSB-first
CSR <0> = 0 (default), the serial interface, accepts data in MSB-
first format. CSR <0> = 1, the interface, accepts data in LSB-
first format.
CSR <2:1> I/O mode select
CSR <2:1> 00 = single bit serial (2-wire mode).
01 = single bit serial (3-wire mode).
10 = 2-bit mode.
11 = 4-bit mode.
See the I/O Modes of Operation section for more details.
CSR <3> = must be cleared to 0.
CSR <7:4> channel enable bits.
CSR <7:4> bits are active immediately once written. They do
not require an I/O update to take effect.
There are four sets of channel registers and profile registers, one
per channel. This is not shown in the channel or profile register
map. The addresses of all channel registers and profile registers
are the same for each channel. Therefore, the channel enable
bits distinguish the channel registers and profile registers values
for each channel.
For example,
CSR <7:4> = 0010, only primary Channel 1 receives commands
from the channel and profile registers.
CSR <7:4> = 0000, only auxiliary Channel 0 receives commands
from the channel registers and profile registers.
CSR <7:4> = 0011, both Channel 0 and Channel 1 receive
commands from the channel registers and profile registers.
Function Register 1 (FR1) Description
FR1 is comprised of three bytes located in Register 0x01. The
FR1 is used to control the mode of operation of the chip. The
functionality of each bit is detailed as follows:
FR1 <0> manual software synchronization bit.
FR1 <0> = 0 (default), the software manual synchronization
feature is inactive. FR1 <0> = 1.The manual software
synchronization feature is active. See Synchronizing Multiple
AD9911 Devices section for details.
FR1 <1> Manual hardware synchronization bit.
FR1 <1> = 0 (default), the manual hardware synchronization
feature is inactive. FR1 <1> = 1, the manual hardware
synchronization feature is active. See the Synchronizing
Multiple AD9911 Devices +section for details.
FR1 <2> Test-tone modulation enable.
FR1 <2> = 0 (default) disables and 1 enables.
FR1 <3> open.
FR1 <4> DAC reference power-down.
FR1 <4> = 0 (default). The DAC reference is enabled.
FR1 <4> = 1. DAC reference is disabled and powered down.
FR1 <5> SYNC_CLK disable.
FR1 <5> = 0 (default), the SYNC_CLK pin is active.
FR1 <5> = 1. The SYNC_CLK pin assumes a static Logic 0
state (disabled). The pin drive logic is shut down. The
synchronization circuitry remains active internally (necessary
for normal device operation.)
FR1 <6> external power-down mode.
FR1 <6> = 0 (default). The external power-down mode is in the
fast recovery power-down mode. When the PWR_DWN_CTL
input pin is high, the digital logic and the DAC digital logic are
powered down. The DACs bias circuitry, PLL, oscillator, and
clock input circuitry are not powered down.
FR1 <6> = 1. The external power down mode is in the full
power-down mode. When the PWR_DWN_CTL input pin is
high, all functions are powered down. This includes the DAC
and PLL, which take a significant amount of time to power up.
FR1 <7> clock input power-down.
FR1 <7> = 0 (default). The clock input circuitry is enabled for
operation. FR1 <7> = 1. The clock input circuitry is disabled
and is in a low power dissipation state.
FR1 <9:8> modulation level bits.
The modulation (FSK, PSK, and ASK) level bits control the level
(2/4/8/16) of modulation to be performed. See Table 7 for
settings.
FR1 <11:10> RU/RD bits.
The RU/RD bits control how the profile pins and SDIO_1:3 pins
are assigned. See Table 8 for settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com