Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911/PCB Datasheet(PDF) 32 Page - Analog Devices

Part # AD9911/PCB
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911/PCB Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9911/PCB Datasheet HTML 28Page - Analog Devices AD9911/PCB Datasheet HTML 29Page - Analog Devices AD9911/PCB Datasheet HTML 30Page - Analog Devices AD9911/PCB Datasheet HTML 31Page - Analog Devices AD9911/PCB Datasheet HTML 32Page - Analog Devices AD9911/PCB Datasheet HTML 33Page - Analog Devices AD9911/PCB Datasheet HTML 34Page - Analog Devices AD9911/PCB Datasheet HTML 35Page - Analog Devices AD9911/PCB Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
AD9911
Rev. 0 | Page 32 of 44
Single-Bit Serial (2- and 3-Wire) Modes
The single-bit serial mode interface allows read/write access to
all registers that configure the AD9911. MSB-first or LSB-first
transfer formats and the SYNC_I/O function are supported.
In 2-wire mode, the SDIO_0 pin is the single serial data I/O pin.
In 3-wire mode, the SDIO_0 pin is the serial data input pin and
the SDIO_2 pin is the output. For both modes, the SDIO_3 pin
is configured as an input and operates as the SYNC_I/O pin.
The SDIO_1 pin is unused.
2-Bit Mode
The SPI port operation in 2-bit mode is identical to the SPI port
operation in single bit mode, except that two bits of data are
registered on each rising edge of SCLK, cutting in half the
number of cycles required to program the device. The SDIO_0
pin contains the even numbered data bits using the notation D
<7:0> while the SDIO_1 pin contains the odd numbered data
bits regardless of whether in MSB- or LSB-first format (see
Figure 47).
4-Bit Mode
The SPI port in 4-bit mode is identical to the SPI port in single
bit mode, except that four bits of data are registered on each
rising edge of SCLK.
This reduces by 75% the number of cycles required to program
the device. Note that when reprogramming the device for 4-bit
mode, it is important to keep the SDIO_3 pin at Logic 0 until
the device is programmed out of the single bit serial mode.
Failure to do so can result in the I/O port controller being out of
sequence.
Figure 50 through Figure 52 are write timing diagrams for the
I/O modes available. Both MSB and LSB-first modes are shown.
LSB-first bits are shown in parenthesis. The clock stall low/high
feature shown is not required, but rather is used to show that
data (SDIO) must have the proper setup time relative to the
rising edge of SCLK.
Figure 53 through Figure 56 are read timing diagrams for each
I/O mode available. Both MSB and LSB-first modes are shown.
LSB-first bits are shown in parenthesis. The clock stall low/high
feature shown is not required. It is used to show that data
(SDIO) must have the proper set-up time relative to the rising
edge of SCLK for the instruction byte and the read data that
follows the falling edge of SCLK.
SCLK
SDIO_0
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CS
I7
(I0)
I6
(I1)
I5
(I2)
I4
(I3)
I3
(I4)
I2
(I5)
I1
(I6)
I0
(I7)
D7
(D0)
D6
(D1)
D5
(D2)
D4
(D3)
D3
(D4)
D2
(D5)
D1
(D6)
D0
(D7)
Figure 50. Single-Bit Serial Mode Write Timing—Clock Stall Low
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CS
SCLK
SDIO_1
SDIO_0
D7
(D1)
D5
(D3)
D3
(D5)
D1
(D7)
D6
(D0)
D4
(D2)
D2
(D4)
D0
(D6)
I6
(I0)
I4
(I2)
I2
(I4)
I0
(I6)
I7
(I1)
I5
(I3)
I3
(I5)
I1
(I7)
Figure 51. 2-Bit Mode Write Timing—Clock Stall Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com