Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 30Page - Analog Devices AD6654BBCZ Datasheet HTML 31Page - Analog Devices AD6654BBCZ Datasheet HTML 32Page - Analog Devices AD6654BBCZ Datasheet HTML 33Page - Analog Devices AD6654BBCZ Datasheet HTML 34Page - Analog Devices AD6654BBCZ Datasheet HTML 35Page - Analog Devices AD6654BBCZ Datasheet HTML 36Page - Analog Devices AD6654BBCZ Datasheet HTML 37Page - Analog Devices AD6654BBCZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
AD6654
Rev. 0 | Page 34 of 88
NUMERICALLY CONTROLLED OSCILLATOR (NCO)
Each channel consists of an independent complex NCO and a
complex mixer. This processing stage is comprised of a digital
tuner consisting of three multipliers and a 32-bit complex NCO.
The NCO serves as a quadrature local oscillator capable of
producing an NCO frequency of between –CLK/2 and +CLK/2
with a resolution of CLK/232 in the complex mode, where CLK
is the input clock frequency.
The frequency word used for generating the NCO is a 32-bit
word. This word is used to generate a 20-bit phase word. A
16-bit phase offset word is added to this phase word. 18 bits of
this phase word are used to generate the sine and cosine of the
required NCO frequency. The amplitude of the sine and cosine
are represented using 17 bits. The worst-case spurious signal
from the NCO is better than −100 dBc for all output
frequencies.
Because all the filtering in the AD6654 is low-pass filtering, the
carrier of interest is tuned down to dc (frequency = 0 Hz). This
is illustrated in Figure 47. Once the signal of interest is tuned
down to dc, the unwanted adjacent carriers can be rejected
using the low-pass filtering that follows.
NCO FREQUENCY
The NCO frequency value is given by the 32-bit twos comple-
ment number entered in the NCO frequency register.
Frequencies between −CLK/2 and +CLK/2 (with +CLK/2
excluded) are represented using this frequency word:
0x8000 0000 represents a frequency given by −CLK/2.
0x0000 0000 represents dc (frequency is 0 Hz).
0x7FFF FFFF represents CLK/2 − CLK/232.
The NCO frequency word can be calculated using following the
equation:
(
)
CLK
CLK
CH
f
f
f
FREQ
NCO
,
mod
2
_
32
=
where:
NCO_FREQ
is the 32-bit twos complement number represent-
ing the NCO frequency register.
fCH
is the desired carrier frequency.
fCLK
is the clock rate for the channel under consideration.
mod( ) is a remainder function. For example, mod(110, 100) =
10 and, for negative numbers, mod(−32, 10) = −2.
Note that this equation applies to the aliasing of signals in the
digital domain (that is, aliasing introduced when digitizing
analog signals).
For example, if the carrier frequency is 100 MHz and the clock
frequency is 80 MHz,
(
)
25
.
0
80
20
,
mod
=
=
CLK
DK
CH
f
f
f
This, in turn, converts to 0x4000 0000 in the 32-bit twos
complement representation for NCO_FREQ.
NCO TUNES SIGNAL TO
SIGNAL OF INTEREST
AFTER FREQUENCY TRANSLATION
SIGNAL OF INTEREST
SIGNAL OF INTEREST IMAGE
SIGNAL OF INTEREST IMAGE
–fs/2
–7fs/16
–3fs/8
–5fs/16
–fs/4
–3fs/16
–fs/8
–fs/16
DC
fs/16
fs/8
3fs/16
fs/4
5fs/16
3fs/8
7fs/16
fs/2
–fs/2
–7fs/16
–3fs/8
–5fs/16
–fs/4
–3fs/16
–fs/8
–fs/16
DC
fs/16
fs/8
3fs/16
fs/4
5fs/16
3fs/8
7fs/16
fs/2
FREQUENCY TRANSLATION (SINGLE 1MHz CHANNEL TUNED TO BASEBAND)
WIDEBAND INPUT SPECTRUM (30MHz FROM HIGH SPEED ADC)
WIDEBAND INPUT SPECTRUM (–fsample/2 TO +fsample/2)
Figure 47. Frequency Translation Principle Using the NCO and Mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com