Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 79Page - Analog Devices AD6654BBCZ Datasheet HTML 80Page - Analog Devices AD6654BBCZ Datasheet HTML 81Page - Analog Devices AD6654BBCZ Datasheet HTML 82Page - Analog Devices AD6654BBCZ Datasheet HTML 83Page - Analog Devices AD6654BBCZ Datasheet HTML 84Page - Analog Devices AD6654BBCZ Datasheet HTML 85Page - Analog Devices AD6654BBCZ Datasheet HTML 86Page - Analog Devices AD6654BBCZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
AD6654
Rev. 0 | Page 83 of 88
When this bit is cleared, AGC5 data does not appear on Output
Port C.
<20>: Port C, AGC4 Enable Bit. Similar to Bit 21 for AGC4.
<19>: Port C, AGC3 Enable Bit. Similar to Bit 21 for AGC3.
<18>: Port C, AGC2 Enable Bit. Similar to Bit 21 for AGC2.
<17>: Port C, AGC1 Enable Bit. Similar to Bit 21 for AGC1.
<16>: Port C, AGC0 Enable Bit. Similar to Bit 21 for AGC0.
<15>: Port B Append RSSI Bit. When this bit is set, an RSSI
word is appended to every I/Q output sample, regardless of
whether the RSSI word is updated in the AGC. When this bit is
cleared, an RSSI word is appended to an I/Q output sample only
when the RSSI word is updated. The RSSI word is not output for
subsequent I/Q samples until the next time the RSSI is updated
in the AGC.
<14>: Port B, Data Format Bit. When this bit is set, the port is
configured for 8-bit parallel I/Q mode. When this bit is cleared,
the port is configured for 16-bit interleaved I/Q mode. See the
Parallel Port Output section.
<13>: Port B, AGC5 Enable Bit. When this bit is set, AGC5 data
(I/Q data) is output on Parallel Output Port A (data bus). When
this bit is cleared, AGC5 data does not appear on Output Port
C.
<12>: Port B, AGC4 Enable Bit. Similar to Bit 13 for AGC4.
<11>: Port B, AGC3 Enable Bit. Similar to Bit 13 for AGC3.
<10>: Port B, AGC2 Enable Bit. Similar to Bit 13 for AGC2.
<9>: Port B, AGC1 Enable Bit. Similar to Bit 13 for AGC1.
<8>: Port B, AGC0 Enable Bit. Similar to Bit 13 for AGC0.
<7>: Port A Appended RSSI Bit. When this bit is set, an RSSI
word is append to every I/Q output sample, regardless of
whether the RSSI word is updated in the AGC. When this bit is
cleared, an RSSI word is appended to an I/Q output sample only
when the RSSI word is updated. The RSSI word is not output for
subsequent I/Q samples until the next time RSSI is updated
again in the AGC.
<6>: Port A, Data Format Bit. When this bit is set, the port is
configured for 8-bit parallel I/Q mode. When this bit is cleared,
the port is configured for 16-bit interleaved I/Q mode. See the
Parallel Port Output section.
<5>: Port A, AGC5 Enable Bit. When this bit is set, AGC5 data
(I/Q data) is output on parallel output Port A (data bus). When
this bit is cleared, AGC5 data does not appear on output Port C.
<4>: Port A, AGC4 Enable Bit. Similar to Bit 5 for AGC4.
<3>: Port A, AGC3 Enable Bit. Similar to Bit 5 for AGC3.
<2>: Port A, AGC2 Enable Bit. Similar to Bit 5 for AGC2.
<1>: Port A, AGC1 Enable Bit. Similar to Bit 5 for AGC1.
<0>: Port A, AGC0 Enable Bit. Similar to Bit 5 for AGC0.
Output Port Control <9:0>
<9:8>: PCLK Divisor Bits. When a parallel port is in master
mode, the PCLK is derived from the PLL_CLK. These bits
define the value of the divisor used to divide the PLL_CLK to
obtain the PCLK. These bits are don’t care in slave mode.
Table 42. PCLK Divisor Bits
PCLK Divisor <7:6>
Divisor Value
00
1
01
2
10
4
11
8
<7>: PCLK Master Mode Bit. When the PCLK master mode bit
is set, the PCLK pin is configured as an output and the PCLK is
driven by the PLL_CLK. Data is transferred out of the AD6654
synchronous to this output clock. When this bit is cleared, the
PCLK pin is configured as an input. The user is required to
provide a PCLK, and data is transferred out of the AD6654
synchronous to this input clock. On power-up, this bit is cleared
to avoid contention on the PCLK pin.
<6:4>: Reserved. These bits must be written with Logic 0.
<3:0>: Stream Control Bits. These bits are described in Table 43.
Table 43. Stream Control Bits
Stream
Control
Bits
Output Streams (str0, str1, str2,
str3, str4, str5)
Number of
Streams
0000
Ch 0 and Ch 1 combined; Ch 2, Ch 3,
Ch 4, Ch 5 independent
5
0001
Ch 0, Ch 1, Ch 2 combined; Ch 3, Ch 4,
Ch 5 independent
4
0010
Ch 0, Ch 1, Ch 2, Ch 3 combined; Ch 4,
Ch 5 independent
3
0011
Ch 0, Ch 1, Ch 2, Ch 3, Ch 4 combined;
Ch 5 independent
2
0100
Ch 0, Ch 1, Ch 2, Ch 3, Ch 4, Ch 5
combined
1
0101
Ch 0, Ch 1, Ch 2 combined; Ch 3, Ch 4,
Ch 5 combined
2
0110
Ch 0, Ch 1 combined; Ch 2, Ch 3
combined; Ch 4, Ch 5 combined
3
0111
Ch 0, Ch 1 combined; Ch 2, Ch 3
combined; Ch 4, Ch 5 independent
4
1000
Ch 0, Ch 1 , Ch 2 combined; Ch 3, Ch 4
combined; Ch 5 independent
3
1001
Ch 0, Ch 1, Ch 2, Ch 3 combined; Ch 4,
Ch 5 combined.
2
Default
Independent channels
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com