Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 19Page - Analog Devices AD6654BBCZ Datasheet HTML 20Page - Analog Devices AD6654BBCZ Datasheet HTML 21Page - Analog Devices AD6654BBCZ Datasheet HTML 22Page - Analog Devices AD6654BBCZ Datasheet HTML 23Page - Analog Devices AD6654BBCZ Datasheet HTML 24Page - Analog Devices AD6654BBCZ Datasheet HTML 25Page - Analog Devices AD6654BBCZ Datasheet HTML 26Page - Analog Devices AD6654BBCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
AD6654
Rev. 0 | Page 23 of 88
–15
0
–30
–45
–60
–75
–90
–105
–120
–135
–150
FREQUENCY (Hz)
AIN = –1dBFS
SNR = 88dB (1.25MHz BW)
32k FFT
Figure 25. CDMA Single Tone AIN = 151.5 MHz; ENC = 92.16 MSPS
–15
0
–30
–45
–60
–75
–90
–105
–120
–135
–150
FREQUENCY (Hz)
AIN = –1dBFS
SNR = 83dB (5MHz BW)
32k FFT
Figure 26. WCDMA Single Tone AIN = 70 MHz; Encode = 92.16 MSPS
–15
0
–30
–45
–60
–75
–90
–105
–120
–135
–150
FREQUENCY (Hz)
AIN = –1dBFS
SNR = 82dB (5MHz BW)
32k FFT
Figure 27. WCDMA Single Tone AIN = 151.5 MHz; Encode = 92.16 MSPS
–15
0
–30
–45
–60
–75
–90
–105
–120
–135
–150
FREQUENCY (Hz)
32k FFT
Figure 28. CDMA Carrier AIN = 151.5 MHz; ENC = 92.16 MSPS
–15
0
–30
–45
–60
–75
–90
–105
–120
–135
–150
FREQUENCY (Hz)
32k FFT
Figure 29. WCDMA Carrier AIN = 70 MHz; Encode = 92.16 MSPS
–15
0
–30
–45
–60
–75
–90
–105
–120
–135
–150
FREQUENCY (Hz)
32k FFT
Figure 30. WCDMA Carrier AIN = 151.5 MHz; Encode = 92.16 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com