Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 24Page - Analog Devices AD6654BBCZ Datasheet HTML 25Page - Analog Devices AD6654BBCZ Datasheet HTML 26Page - Analog Devices AD6654BBCZ Datasheet HTML 27Page - Analog Devices AD6654BBCZ Datasheet HTML 28Page - Analog Devices AD6654BBCZ Datasheet HTML 29Page - Analog Devices AD6654BBCZ Datasheet HTML 30Page - Analog Devices AD6654BBCZ Datasheet HTML 31Page - Analog Devices AD6654BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
AD6654
Rev. 0 | Page 28 of 88
APPLICATION INFORMATION
ADC CONFIGURATION NOTES
Encoding the AD6654 ADC
The AD6654 encode signal must be a high quality, extremely
low phase noise source to prevent degradation of performance.
Maintaining 14-bit accuracy places a premium on encode clock
phase noise. SNR performance can easily degrade by 3 dB to
4 dB with 70 MHz analog input signals when using a high jitter
clock source. See the AN-501, Aperture Uncertainty and ADC
System Performance Application Note
, for details.
For optimum performance, the AD6654 ADC front end must
be clocked differentially. The encode signals are usually ac-
coupled into the ENC+ and ENC− pins via a transformer or
capacitors. The ENCODE pins are biased internally and require
no additional bias.
Figure 37 shows one preferred method for clocking the
AD6654. The clock source (low jitter) is converted from single-
ended to differential using an RF transformer. The back-to-back
Schottky diodes across the secondary of the transformer limit
clock excursions into the AD6654 to approximately 0.8 V p-p
differential. This helps prevent the large voltage swings of the
clock from feeding through to other portions of the AD6654,
and limits the noise presented to the encode inputs.
ENC+
ENC–
0.1
µF
T1-4T
HSMS2812
DIODES
AD6654
CLOCK
SOURCE
Figure 37. Crystal Clock Oscillator-Differential Encode
If a low jitter clock is available, another option is to ac-couple a
differential ECL/PECL signal to the encode input pins as shown
in Figure 38. A device that offers excellent jitter performance is
the MC100EL16 (or same family) from ON Semiconductor®.
ENC+
ENC–
AD6654
VT
VT
0.1
µF
0.1
µF
ECL/
PECL
Figure 38. Differential ECL for Encode
Driving the Analog Inputs
As with most high speed, high dynamic range ADCs, the analog
input to the AD6654 front end is differential. Differential inputs
improve on-chip performance, because signals are processed
through attenuation and gain stages. Most of the improvement
is a result of differential analog stages having high rejection of
even-order harmonics.
There are also benefits at the PCB level. First, differential inputs
have high common-mode rejection to stray signals such as
ground and power noise. Second, they provide good rejection to
common-mode signals such as local oscillator feed-through.
The AD6654 analog input pins, AIN+ and AIN−, are centered
at 2.4 V, and the signal at each input should swing ±0.55 V
around this voltage. Because AIN+ and AIN− are 180° out of
phase, the full-scale differential analog input signal is 2.2 V p-p.
Each analog input connects through a 500 Ω resistor to the
2.4 V bias voltage and to the input of a differential buffer, as
shown in Figure 36. The resistor network on the input properly
biases the followers for maximum linearity and range.
Therefore, the analog source driving the AD6654 should be
ac-coupled to the input pins. Because the differential input
impedance of the AD6654 is 1 kΩ, the analog input power
requirement is only −2 dBm, simplifying the driver amplifier in
many cases. To take full advantage of this high input
impedance, a 20:1 transformer is required. This is a large ratio
that could result in unsatisfactory performance. In this case, a
lower step-up ratio could be used. The recommended method
for driving the analog input of the AD6654 is to use a 4:1
impedance ratio RF transformer.
For example, if RT is set to 60.4 Ω and RS is set to 25 Ω, along
with a 4:1 impedance ratio transformer, the input matches to a
50 Ω source with a full-scale drive of 4.8 dBm. Series resistors
(RS) on the secondary side of the transformer should be used to
isolate the transformer from A/D. This limits the amount of
dynamic current from the A/D flowing back into the secondary
of the transformer. The 50 Ω impedance matching can also be
incorporated on the secondary side of the transformer, as
shown in the evaluation board schematic.
AIN–
AIN+
ADT4-1WT
AD6654
ANALOG INPUT
SIGNAL
0.1
µF
RT
RS
RS
Figure 39. Transformer-Coupled Analog Input Circuit
In applications where dc-coupling, or additional gain is
required, use a differential output op amp from Analog Devices,
Inc., such as AD8351, to drive the AD6654 (Figure 40). The
AD8351 op amp can be driven differentially, or configured to
provide single-ended-to-differential conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com