Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 39Page - Analog Devices AD6654BBCZ Datasheet HTML 40Page - Analog Devices AD6654BBCZ Datasheet HTML 41Page - Analog Devices AD6654BBCZ Datasheet HTML 42Page - Analog Devices AD6654BBCZ Datasheet HTML 43Page - Analog Devices AD6654BBCZ Datasheet HTML 44Page - Analog Devices AD6654BBCZ Datasheet HTML 45Page - Analog Devices AD6654BBCZ Datasheet HTML 46Page - Analog Devices AD6654BBCZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
AD6654
Rev. 0 | Page 43 of 88
DECIMATING RAM COEFFICIENT FILTER (DRCF)
Following the MRCF is the programmable DRCF FIR filter.
This filter can calculate up to 64 asymmetrical filter taps or up
to 128 symmetrical filter taps. The filter is also capable of a
programmable decimation rate from 1 to 16. A flexible
coefficient offset feature allows loading multiple filters into the
coefficient RAM and changing the filters on the fly. The
decimation phase feature allows a polyphase implementation,
where multiple AD6654 channels are used for processing a
single carrier.
The DRCF filter has 20-bit input and output data and 14-bit
coefficient data. The number of filter taps to calculate is
programmable and is set in the DRCF taps register. The value
of the number of taps minus one is written to this register.
For example, a value of 19 in the register corresponds to
20 filter taps.
The decimation rate is programmable using the 4-bit DRCF
decimation rate word in the DRCF control register. Again, the
value written is the decimation rate minus one.
BYPASS
The DRCF filter can be used in normal operation or bypassed
using the DRCF bypass bit in the DRCF control register. When
the DRCF filter is bypassed, no scaling is applied and the output
of the filter is the same as the input to the DRCF filter.
SCALING
The output of the DRCF filter can be scaled using the 2-bit
DRCF scaling word in the DRCF control register. Table 21 lists
the valid values for the 2-bit word and their corresponding
settings.
Table 21. DRCF Scaling Factor Settings
DRCF Scale Word[1:0]
Scaling Factor
00
18.06 dB attenuation
01
12.04 dB attenuation
10
6.02 dB attenuation
11
No scaling, 0 dB
SYMMETRY
The DRCF filter does not require symmetrical filters. However,
if the filter is symmetrical, then the symmetry bit in the DRCF
control register should be set. When this bit is set, only half of
the impulse response needs to be programmed into the DRCF
coefficient memory registers. For example, if the number of
filter taps is equal to 15 or 16 and the filter is symmetrical, then
only eight coefficients need to be written into the coefficient
memory. Because a total of 64 taps can be written into the
memory registers, the DRCF can perform 64 asymmetrical
filter taps or 128 symmetrical filter taps.
COEFFICIENT OFFSET
More than one set of filter coefficients can be loaded into
coefficient RAM at any given time (given sufficient RAM
space). The coefficient offset can be used in this case to access
the two or more different filters. By changing the coefficient
offset, the filter coefficients being accessed can be changed on
the fly. This decimal offset value is programmed in the DRCF
coefficient offset register. When this value is changed during the
calculation of a particular output data sample, the sample
calculation is completed using the old coefficients, and the new
coefficient offset from the next data sample calculation is used.
DECIMATION PHASE
When more than one channel of AD6654 is used to process one
carrier, polyphase implementation of corresponding channels’
DRCF or CRCF is possible using the decimation phase feature.
This feature can be used only under certain conditions. The
decimation phase is programmed using the 4-bit DRCF
decimation phase word of the DRCF control register.
MAXIMUM NUMBER OF TAPS CALCULATED
The output rate of the DRCF filter is given by
DRCF
MRCF
DRCF
M
f
f
=
where:
fMRCF
is the data rate out of the MRCF filter and into the DRCF
filter.
MDRCF
is the decimation rate in the DRCF filter.
The DRCF filter consists of two multipliers (one each for the
I and Q paths). Each multiplier, working at the high speed clock
rate (PLL clock), can do one multiply (or one tap) per high
speed clock cycle. Therefore, the maximum number of filter
taps that can be calculated (symmetrical or asymmetrical filter)
is given by
Maximum Number of Taps
= ceil
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
DRCF
PLLCLK
f
f
− 1
where:
fPLLCLK
is the high speed internal processing clock generated by
the PLL clock multiplier.
fDRCF
is the output rate of the DRCF filter, previously calculated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com