Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 70 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 70 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 66Page - Analog Devices AD6654BBCZ Datasheet HTML 67Page - Analog Devices AD6654BBCZ Datasheet HTML 68Page - Analog Devices AD6654BBCZ Datasheet HTML 69Page - Analog Devices AD6654BBCZ Datasheet HTML 70Page - Analog Devices AD6654BBCZ Datasheet HTML 71Page - Analog Devices AD6654BBCZ Datasheet HTML 72Page - Analog Devices AD6654BBCZ Datasheet HTML 73Page - Analog Devices AD6654BBCZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
AD6654
Rev. 0 | Page 70 of 88
MICROPORT
The microport on the AD6654 can be used for programming
the part, reading register values, and reading output data (I, Q,
and RSSI words).
Note that, at any given point in time, either the microport or the
serial port can be active, but not both. Some of the balls on the
package are shared between the microport and the serial port
and have dual functionality based on the SMODE pin. The
microport is selected by pulling the SMODE pin low (ground).
Both read and write operations can be performed using the
microport. The direct addressing scheme is used and any
internal register can be accessed using an 8-bit address. The
data bus can be either 8-bit or 16-bit as set by the chip I/O
access control register. Microport operation is synchronous to
CPUCLK, which must be supplied external to the AD6654 part.
CPUCLK should be less than CLK and 100 MHz.
The microport can operate in Intel mode (separate read and
write strobes) or in Motorola mode (single read/write strobe).
The MODE pin is used to select between Intel (INM, MODE =
0) and Motorola (MNM, MODE = 1) modes. Some AD6654
pins have dual functionality based on the MODE pin. Table 27
lists the pin functions for both modes.
Table 27. Microport Programming Pins
Pin Name
Intel Mode
Motorola Mode
RESET
RESET
RESET
SMODE
Logic 0
Logic 0
MODE
Logic 0
Logic 1
A[7:0]
A[7:0]
A[7:0]
D[15:0]
D[15:0]
D[15:0]
R/W (WR)
WR
R/W
DS (RD)
RD
DS
DTACK (RDY)
RDY
DTACK
CS
CS
CS
INTEL (INM) MODE
The programming port performs synchronous Intel-style reads
and writes on the positive edge of the CPUCLK input when
RESET is inactive (active low signal). The CPUCLK pin is
driven by the programming device (CPUCLK of DSP or
FPGA). During a write access, the A[7:0] address bus provides
the address for access, and the D[15:0] bus (D[7:0] if the 8-bit
data bus is used) is driven by the programming device. The data
bus is driven by the AD6654 during a read operation. Intel
mode uses separate read (RD) and write (WR) active low data
strobes to indicate both the type of access and the valid data for
that access.
The chip select (CS) is an active-low input that signals when an
access is active on its programming port pins. During an access,
the AD6654 drives RDY low to indicate that it is performing the
access. When the internal read or write access is complete, the
RDY pin is pulled high. Because the RDY pin is an open-drain
output with a weak internal pull-up resistor (70 kΩ), an
external pull-up resistor is recommended (see the DDC Design
Notes section). Figure 10 and Figure 11 are the timing diagrams
for read and write cycles using the microport in INM mode.
For an asynchronous write operation in Intel (INM) mode, the
CPUCLK should be running. Set up the data and address buses.
Pull the WR signal low and then pull the CS signal low. The
RDY goes low to indicate that the access is taking place inter-
nally. When RDY goes high, the write cycle is complete and CS
can be pulled high to disable the microport.
For an asynchronous read operation on the Intel mode micro-
port, set up the address bus and three-state the data bus. Pull
the RD signal low and then pull the CS signal low. The RDY
goes low to indicate an internal access. When RDY goes low,
valid data is available on the data bus for read.
MOTOROLA (MNM) MODE
The programming port performs synchronous Motorola-style
reads and writes on the positive edge of CPUCLK when RESET
is inactive (active low signal). The A[7:0] bus provides the
address to access and the D[15:0] bus (D[7:0], if the 8-bit data
bus is used) is externally driven with data during a write (driven
by the AD6654 during a read). Motorola mode uses the R/W
line to indicate the type of access (Logic 1 = read, Logic 0 =
write), and the active low data strobe (DS) signal is used to
indicate valid data.
The chip select (CS) is an active-low input that signals when an
access is active on its programming port pins. When the read/
write cycle is complete, the AD6654 drives DTACK low. The
DTACK signal goes high again after either the CS or DS signal
is driven high. Because the DTACK pin is an open-drain output
with a weak internal pull-up resistor (70 kΩ), an external pull-
up resistor is recommended (see the DDC Design Notes
section). Figure 12 and Figure 13 are the timing diagrams for
read and write cycles using the microport in MNM mode.
For an asynchronous write operation on the Motorola mode
microport, the CPUCLK should be running. Set up the data and
address buses. Pull the R/W and DS signals low and then pull
the CS signal low. The DTACK goes low after a few clock cycles
to indicate that the write access is complete and that CS can be
pulled high to disable the microport. For an asynchronous read
operation on the Motorola mode microport, set up the address
bus and three-state the data bus. Pull the RD signal low and
then pull the CS signal low. The DTACK goes low after a few
clock cycles to indicate that valid data is on the data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com