Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 59Page - Analog Devices AD6654BBCZ Datasheet HTML 60Page - Analog Devices AD6654BBCZ Datasheet HTML 61Page - Analog Devices AD6654BBCZ Datasheet HTML 62Page - Analog Devices AD6654BBCZ Datasheet HTML 63Page - Analog Devices AD6654BBCZ Datasheet HTML 64Page - Analog Devices AD6654BBCZ Datasheet HTML 65Page - Analog Devices AD6654BBCZ Datasheet HTML 66Page - Analog Devices AD6654BBCZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
AD6654
Rev. 0 | Page 63 of 88
MSBFIRST
SCLK
SDI
SDO
MODE
SCS
SMODE
A0
A1
A2
A3
A4
BLOCK END ADDRESS
BLOCK COUNT (Nx)
WRITE
A5
A6
A7
N0
N1
N2
N3
N4
N5
N6
0
D0
D1
D2
D3
D4
D5
D6
D7
Figure 66. SPI Write MSBFIRST = 0
SPI Read
During a typical read operation, a one byte address and one
byte instruction are written to the serial port to instruct the
internal control logic as to which registers are to be accessed.
Register readback data shifts out on the rising edge of SCLK.
The SDO pin is in a high impedance state at all times except
during a read cycle.
MSBFIRST
SCLK
SDI
SDO
MODE
SCS
SMODE
BLOCK END ADDRESS
BLOCK COUNT (Nx)
READ
A7
A6
A5
A4
A3
A2
A1
A0
1
N6
N5
N4
N3
N2
N1
N0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 67. SPI Read MSBFIRST = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com