Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 14Page - Analog Devices AD6654BBCZ Datasheet HTML 15Page - Analog Devices AD6654BBCZ Datasheet HTML 16Page - Analog Devices AD6654BBCZ Datasheet HTML 17Page - Analog Devices AD6654BBCZ Datasheet HTML 18Page - Analog Devices AD6654BBCZ Datasheet HTML 19Page - Analog Devices AD6654BBCZ Datasheet HTML 20Page - Analog Devices AD6654BBCZ Datasheet HTML 21Page - Analog Devices AD6654BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
AD6654
Rev. 0 | Page 18 of 88
ABSOLUTE MAXIMUM RATINGS
Table 10.
Parameter
Rating
AVDD
0 to +7.0 V
DRVDD
0 to +4.0 V
VDDCORE
−0.3 V to +2.2 V
VDDIO
0 to +4.0 V
Analog/Encode Input Voltage
0 to AVDD
Analog Input Current
25 mA
Digital Input Voltage
−0.3 V to + 3.6 V (not 5 V
tolerant)
Digital Output Voltage
−0.3 V to VDDIO + 0.3 V
Operating Temperature Range
(Ambient)
−25°C to +85°C
Junction Temperature Under Bias
150°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
256 BGA, 17 mm sq.
θJA = 21°C/W, no airflow.
Estimate based on JEDEC JC51-2 model using horizontally
positioned 4-layer board.
EXPLANATION OF TEST LEVELS
Test Level
Description
I
100% production tested.
II
100% production tested at 25°C.
III
Sample tested only.
IV
Parameter guaranteed by design and analysis.
V
Parameter is typical value only.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com