Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 79 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 79 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 75Page - Analog Devices AD6654BBCZ Datasheet HTML 76Page - Analog Devices AD6654BBCZ Datasheet HTML 77Page - Analog Devices AD6654BBCZ Datasheet HTML 78Page - Analog Devices AD6654BBCZ Datasheet HTML 79Page - Analog Devices AD6654BBCZ Datasheet HTML 80Page - Analog Devices AD6654BBCZ Datasheet HTML 81Page - Analog Devices AD6654BBCZ Datasheet HTML 82Page - Analog Devices AD6654BBCZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
AD6654
Rev. 0 | Page 79 of 88
CIC Decimation <4:0>
This 5-bit word specifies the CIC filter decimation value
minus 1. A value of 0x00 is a decimation of 1 (bypass), and
0x1F is a decimation of 32. Writing a value of 0 in this register
bypasses CIC filtering, but does not bypass the CIC scaling
operation.
CIC Scale Factor <4:0>
This 5-bit word specifies the CIC filter scale factor used to
compensate for the gain provided by the CIC filter. The
recommended value is given by the following equation:
5
))
(
log
5
(
2
−
×
=
CIC
M
ceil
Register
Scale
CIC
where:
MCIC
is the decimation rate of the CIC (one more than the value
in the CIC decimation register).
ceil
operation gives the closest integer greater than or equal to
the argument.
The valid range for this register is decimal 0 to 20.
FIR-HB Control <3:0>
<3>: FIR1 Enable Bit. When this bit is set, the FIR1 fixed
coefficient filter is enabled. When cleared, FIR1 is bypassed.
<2>: HB1 Enable Bit. When this bit is set, the HB1 half-band
filter is enabled. When cleared, HB1 is bypassed.
<1>: FIR2 Enable Bit. When this bit is set, the FIR2 fixed
coefficient filter is enabled. When cleared, FIR2 is bypassed.
<0>: HB2 Enable Bit. When this bit is set, the HB2 half-band
filter is enabled. When cleared, HB2 is bypassed.
MRCF Control Register <12:0>
<12:10>: MRCF Data Select Bits. These bits are used to select
the input source for the MRCF filter. Each MRCF filter can be
driven by output from the HB2 filter of any channel independ-
ently. Table 35 shows the selections available.
Table 35. MRCF Data Select Bits
MRCF Data Select<2:0>
MRCF Input Source
000
MRCF input taken from Channel 0
001
MRCF input taken from Channel 1
010
MRCF input taken from Channel 2
011
MRCF input taken from Channel 3
1x0
MRCF input taken from Channel 4
1x1
MRCF input taken from Channel 5
<9>: Interpolating Half-Band Enable Bit. When this bit is set,
the interpolating half-band filter, driven by the output of the
CRCF block, is enabled. When cleared, the interpolating half-
band filter is bypassed, and its output is the same as its input.
The interpolating half-band filter doubles the data rate.
<8>: This bit is open.
<7>: Half-Rate Bit. When this bit is set, the MRCF filter
operates using half the PLL clock rate. This is used for power
savings when there is sufficient time to complete MRCF
filtering using only half the PLL clock rate. When this bit is
cleared, the MRCF filter operates at the full PLL clock rate. See
the Mono-Rate RAM Coefficient Filter (MRCF) section.
<6:4>: MRCF Number of Taps Bits. This 3-bit word should be
written with one less than the number of taps that are calculated
by the MRCF filter. The filter length is given by the decimal
value of this register plus 1. A value of 0 represents a 1-tap filter
and maximum value of 7 represents an 8-tap filter.
<3:2>: MRCF Scale Factor Bits. The output of the MRCF filter is
scaled according to the value of these bits. Table 36 describes
the attenuation corresponding to each setting.
Table 36. MRCF Scale Factor
MRCF Scale<1:0>
Scale Factor
00
18.06 dB attenuation (left-shift 3 bits)
01
12.04 dB attenuation (left-shift 2 bits)
10
6.02 dB attenuation (left-shift 1 bit)
11
No scaling (0 dB)
<1>: This bit is open.
<0>: MRCF Bypass Bit. When this bit is set, the MRCF filter is
bypassed and, therefore, the output of the MRCF is the same as
its input. When this bit is cleared, the MRCF has normal
operation as programmed by its control register.
MRCF COEFFICIENT MEMORY
The MRCF coefficient memory consists of eight coefficients,
each six bits wide. The memory extends from Address 0x80 to
Address 0x87. The coefficients should be written in twos
complement format.
DRCF Control Register <11:0>
<11>: DRCF Bypass Bit. When this bit is set, the DRCF filter is
bypassed and, therefore, its output is the same as its input.
When this bit is cleared, the DRCF has normal operation as
programmed by the rest of this control register.
<10>: Symmetry Bit. When this bit is set, it indicates that the
DRCF is implementing a symmetrical filter and only half the
impulse response needs to be written into the DRCF coefficient
RAM. When this bit is cleared, the filter is asymmetrical and
complete impulse response of the filter should be written to the
coefficient RAM. When this filter is symmetrical, it can imple-
ment up to 128 filter taps.
<9:8>: DRCF Multiply Accumulate Scale Bits. The output of the
DRCF filter is scaled according to the value of these bits.
Table 37 lists the attenuation corresponding to each setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com