Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 34Page - Analog Devices AD6654BBCZ Datasheet HTML 35Page - Analog Devices AD6654BBCZ Datasheet HTML 36Page - Analog Devices AD6654BBCZ Datasheet HTML 37Page - Analog Devices AD6654BBCZ Datasheet HTML 38Page - Analog Devices AD6654BBCZ Datasheet HTML 39Page - Analog Devices AD6654BBCZ Datasheet HTML 40Page - Analog Devices AD6654BBCZ Datasheet HTML 41Page - Analog Devices AD6654BBCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
AD6654
Rev. 0 | Page 38 of 88
FIR HALF-BAND BLOCK
The output of the CIC filter is pipelined into the FIR HB (half-
band) block. Each channel has two sets of cascading fixed
coefficient FIR and fixed coefficient half-band filters. The half-
band filters decimate by 2. Each of these filters (FIR1, HB1,
FIR2, and HB2) is described in the following sections.
3-TAP FIXED COEFFICIENT FILTER (FIR1)
The 3-tap FIR filter is useful in certain filter configurations in
which extra alias protection is needed for the decimating HB1
filter. It is a simple sum-of-products FIR filter with three filter
taps and 2-bit fixed coefficients. Note that this filter does not
decimate. The coefficients of this symmetric filter are {1, 2, 1}.
The normalized coefficients used in the implementation are
{0.25, 0.5, 0.25}.
The user can either use or bypass this filter. Writing Logic 0 to
the FIR1 enable bit in the FIR-HB control register bypasses this
fixed coefficient filter. The filter is useful only in certain filter
configurations and bypassing it for other applications results in
power savings.
FRACTION OF FIR1 INPUT SAMPLE RATE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
–16.67
–8.33
–33.33
–25.00
–50.00
–41.67
–66.67
–58.33
–83.33
–75.00
–100.00
–91.67
0.34
0.66
–81
FIR1 RESPONSE
Figure 48. FIR1 Filter Response to the Input Rate of the Filter
This filter runs at the same sample rate as the CIC filter output
rate and is given by
CIC
IN
FIR1
M
f
f
=
where:
fIN
is the input rate to the channel.
MCIC
is the decimation ratio in the CIC filter stage.
The maximum input and output rates for this filter are
150 MHz.
DECIMATE-BY-2 HALF-BAND FILTER (HB1)
The next stage of the FIR-HB block is a decimate-by-2 half-
band filter. The 11-tap, symmetrical, fixed coefficient HB1 filter
has low power consumption due to its polyphase implementa-
tion. The filter has 22 bits of input and output data with 10-bit
coefficients. Table 16 lists the coefficients of the half-band filter.
The normalized coefficients used in the implementation and
the 10-bit decimal equivalent value of the coefficients are also
listed. Other coefficients are 0s.
Table 16. Fixed Coefficients for HB1 Filter
Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(10-Bit)
C1, C11
0.013671875
7
C3, C9
−0.103515625
−53
C5, C7
0.58984375
302
C6
1
512
Similar to the FIR1 filter, this filter can be used or bypassed.
Writing Logic 0 to the HB1 enable bit in the FIR-HB control
register bypasses this fixed coefficient HB filter. The filter is
useful only in certain filter configurations and bypassing it for
other applications results in power savings. For example, it is
useful in narrow-band and wideband output applications in
which more filtering is required, as compared to very wide
bandwidth applications in which a higher output rate might
prohibit the use of a decimating filter. The response of the filter
is shown in Figure 49.
The input sample rate of this filter is the same as the CIC filter
output rate and is given by
CIC
IN
HB1
M
f
f
=
where:
fIN
is the input rate to the channel.
MCIC
is the decimation ratio in the CIC filter stage.
FRACTION OF HB1 INPUT SAMPLE RATE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
–20
–10
–40
–30
–60
–50
–80
–70
–110
–100
–90
–120
HB1 RESPONSE
0.43
0.57
–77
Figure 49. HB1 Filter Response to the Input Rate of the Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com