Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 50Page - Analog Devices AD6654BBCZ Datasheet HTML 51Page - Analog Devices AD6654BBCZ Datasheet HTML 52Page - Analog Devices AD6654BBCZ Datasheet HTML 53Page - Analog Devices AD6654BBCZ Datasheet HTML 54Page - Analog Devices AD6654BBCZ Datasheet HTML 55Page - Analog Devices AD6654BBCZ Datasheet HTML 56Page - Analog Devices AD6654BBCZ Datasheet HTML 57Page - Analog Devices AD6654BBCZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
AD6654
Rev. 0 | Page 54 of 88
PCLK
tDPREQ
PxREQ
PxACK
tDPP
Px [15:0]
I[15:0]
Q[15:0]
PxIQ
tDPIQ
PxCH [2:0]
PxCH [2:0] = CHANNEL #
tDPCH
0000 +
GAIN [11:0]
PxGAIN
tDPGAIN
Figure 58. Interleaved I/Q Mode with an AGC Gain Word
PxCH [2:0]
PCLK
tDPREQ
PxREQ
PxACK
tDPP
Px [15:0]
I [15:8]
Q [15:8]
PxIQ
tDPIQ
PxCH [2:0] =
AGC NO.
tDPCH
PxGAIN
LOGIC LOW 0
Figure 59. Parallel I/Q Mode Without an AGC Gain Word
When an output data sample is available for output from an
AGC, the parallel port initiates the transfer by pulling the
PxREQ signal high. In response, the processor receiving the
data needs to pull the PxACK signal high, acknowledging that it
is ready to receive the signal. In Figure 59, the PxACK is already
pulled high and, therefore, the 8-bit I data and 8-bit Q data are
simultaneously output on the data bus on the next PCLK rising
edge after PxREQ is driven logic high. The PxIQ signal also
goes high to indicate that I/Q data is available on the data bus.
When I/Q data is being output, the channel indicator pins
PxCH[2:0] indicate the data source (AGC number).
Figure 59 is the timing diagram for parallel I/Q mode with the
AGC gain word disabled. Figure 60 is a similar timing diagram
with the AGC gain word enabled. In the PCLK cycle after the
I/Q data, the AGC gain word is output on the data bus, and the
PxGAIN signal is pulled high to indicate that the gain word is
available on the parallel port. During this PCLK cycle, the PxIQ
signal is pulled low to indicate that I/Q data is not available on
the data bus. Therefore, in parallel I/Q mode, a minimum of
two PCLK cycles is required to output one sample of output
data on the parallel port without and with the AGC gain word,
respectively.
The order of data output is dependent on when data arrives at
the port, which is a function of total decimation rate, DRCF/
CRCF decimation phase, and start hold-off values. Priority
order from highest to lowest is, AGC0, AGC1, AGC2, AGC3,
AGC4, and AGC5 for both parallel I/Q and interleaved modes
of output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com