Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 61Page - Analog Devices AD6654BBCZ Datasheet HTML 62Page - Analog Devices AD6654BBCZ Datasheet HTML 63Page - Analog Devices AD6654BBCZ Datasheet HTML 64Page - Analog Devices AD6654BBCZ Datasheet HTML 65Page - Analog Devices AD6654BBCZ Datasheet HTML 66Page - Analog Devices AD6654BBCZ Datasheet HTML 67Page - Analog Devices AD6654BBCZ Datasheet HTML 68Page - Analog Devices AD6654BBCZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
AD6654
Rev. 0 | Page 65 of 88
MSBFIRST
SCLK
SDI
SRFS
STFS
MODE
SDO
SCS
SMODE
BLOCK START ADDRESS
BLOCK COUNT (Nx)
WRITE
A0
A1
A2
A3
A4
A5
A6
A7
N0
N1
N2
N3
N4
N5
N6
0
D0
D1
D2
D3
D4
D5
D6
D7
Figure 70. SPORT Write MSBFIRST = 0
SPORT Read
For a typical SPORT read operation, the user must write an
address byte and instruction byte to the serial port to instruct
the internal control logic as to which registers are to be
readback. STFS must be asserted for every 8-bit readback and is
sampled on the falling edge of SCLK. Data is shifted out on the
rising edge of SCLK. The SDO pin is in a high impedance state
at all times except during a read operation.
MSBFIRST
SCLK
SRFS
SDI
STFS
MODE
SDO
SCS
SMODE
BLOCK START ADDRESS
BLOCK COUNT (Nx)
READ
A7
A6
A5
A4
A3
A2
A1
A0
1
N6
N5
N4
N3
N2
N1
N0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 71. SPORT Read MSBFIRST = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com