Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 52Page - Analog Devices AD6654BBCZ Datasheet HTML 53Page - Analog Devices AD6654BBCZ Datasheet HTML 54Page - Analog Devices AD6654BBCZ Datasheet HTML 55Page - Analog Devices AD6654BBCZ Datasheet HTML 56Page - Analog Devices AD6654BBCZ Datasheet HTML 57Page - Analog Devices AD6654BBCZ Datasheet HTML 58Page - Analog Devices AD6654BBCZ Datasheet HTML 59Page - Analog Devices AD6654BBCZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
AD6654
Rev. 0 | Page 56 of 88
PARALLEL PORT PIN FUNCTIONS
Table 25 describes the functions of the pins used by the parallel ports.
Table 25. Parallel Port Pin Functions
Pin Name
I/O
Function
PCLK
I/O
Parallel Clock. PCLK can operate as a master or as a slave. This setting is dependent on the 1-bit PCLK master
mode bit in the Parallel Port Control 2 register. As an output (master mode), the maximum frequency is
CLK/N, where CLK is the AD6654 clock and N is an integer divisor of 1, 2, 4, or 8. As an input (slave mode), it
can be asynchronous or synchronous relative to the AD6654 CLK. This pin powers up as an input to avoid
possible contentions. Parallel port output pins change on the rising edge of PCLK.
PAREQ, PBREQ,
PCREQ
O
Active High Output. Synchronous to PCLK. A logic high on this pin indicates that data is available to be
shifted out of the port. When an acknowledge signal is received, data starts shifting out and this pin remains
high until all pending data has been shifted out.
PAACK, PBACK,
PCACK
I
Active High Asynchronous Input. Applying a logic low on this pin inhibits parallel port data shifting. Applying
a logic high to this pin when REQ is high causes the parallel port to shift out data according to the
programmed data mode. ACK is sampled on the rising edge of PCLK. Assuming that REQ is asserted, the
latency from the assertion of ACK to data appearing at the parallel port output is no more than 1.5 PCLK
cycles. ACK can be continuously held high; in this case, when data becomes available, shifting begins 1 PCLK
cycle after the assertion of REQ (see Figure 57, Figure 58, Figure 59, and Figure 60).
PAIQ, PBIQ, PCIQ
Parallel Output Gain Data Indicators High whenever I data is present on the parallel port data bus; otherwise
low. In parallel I/Q mode, both I data and Q data are available at the same time and, therefore, the PxIQ signal
is pulled high.
PAGAIN, PBGAIN,
PCGAIN
Parallel Output Gain Word Indicators. High whenever the AGC gain word is present on the parallel port data
bus; otherwise low.
PACH[2:0], PBCH[2:0],
PCCH[2:0]
Channel Indicator Output Ports. These pins identify data in both of the parallel port modes. The 3-bit value
identifies the source of the data (AGC number) on the parallel port when it is being shifted out.
PADATA[15:0],
PBDATA[15:0],
PCDATA[15:0]
Parallel Output Port Data Bus. Output format is twos complement. In parallel I/Q mode, 8-bit data is present;
in interleaved I/Q mode, 16-bit data is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com