Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 35Page - Analog Devices AD6654BBCZ Datasheet HTML 36Page - Analog Devices AD6654BBCZ Datasheet HTML 37Page - Analog Devices AD6654BBCZ Datasheet HTML 38Page - Analog Devices AD6654BBCZ Datasheet HTML 39Page - Analog Devices AD6654BBCZ Datasheet HTML 40Page - Analog Devices AD6654BBCZ Datasheet HTML 41Page - Analog Devices AD6654BBCZ Datasheet HTML 42Page - Analog Devices AD6654BBCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
AD6654
Rev. 0 | Page 39 of 88
The filter has a maximum input sample rate of 150 MHz and,
when filter is not bypassed, the maximum output rate is
75 MHz.
The filter has a ripple of 0.0012 dB and rejection of 77 dB. For
an alias rejection of 77 dB, the alias-protected bandwidth is 14%
of the filter input sample rate. The bandwidth of the filter for a
ripple of 0.00075 dB is also the same as the alias-protected
bandwidth, due to the nature of half-band filters. The 3 dB
bandwidth of this filter is 44% of the filter input sample rate.
For example, if the sample rate into the filter is 50 MHz, then
the alias-protected bandwidth of the HB1 filter is 7 MHz. If the
bandwidth of the required carrier is greater than 7 MHz, then
HB1 might not be useful.
FRACTION OF HB1 INPUT SAMPLE RATE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
–20
–10
–40
–30
–60
–50
–80
–70
–100
–90
–120
–110
–107
FIR1 + HB1 RESPONSE
0.43
0.57
Figure 50. Composite Response of FIR1 and HB1 Filters to Their Input Rate
6-TAP FIXED COEFFICIENT FILTER (FIR2)
Following the first cascade of the FIR1 and HB1 filters is the
second cascade of the FIR2 and HB2 filters. The 6-tap, fixed
coefficient FIR2 filter is useful in providing extra alias
protection for the decimating HB2 filter in certain filter
configurations. It is a simple sum-of-products FIR filter with
six filter taps and 5-bit fixed coefficients. Note that this filter
does not decimate. The normalized coefficients used in the
implementation and the 5-bit decimal equivalent value of the
coefficients are listed in Table 17.
Table 17. 6-Tap FIR2 Filter Coefficients
Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(5-Bit)
C0, C5
−0.125
−2
C1, C4
0.1875
3
C2, C3
0.9375
15
The user can either use or bypass this filter. Writing Logic 0 to
FIR2 enable bit in the FIR-HB control register bypasses this
fixed coefficient filter. The filter is useful only in certain filter
configurations and bypassing it for other applications results in
power savings. The filter is especially useful in increasing the
stop-band attenuation of the HB2 filter that follows. Therefore,
it is optimal to use both FIR2 and HB2 in a configuration.
This filter runs at a sample rate given by one of the following
equations:
fFIR2 = fHB1,
if HB1 is bypassed
fFIR2 =
2
HB1
f
,
if HB1 is not bypassed
where:
fHB1
is the input rate of the HB1 filter.
fFIR2
is the input rate of the FIR2 filter.
The maximum input and output rate for this filter is 75 MHz.
The response of the FIR2 filter is shown in Figure 51.
FRACTION OF FIR2 INPUT SAMPLE RATE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
–8.33
–16.67
–25.00
–33.33
–41.67
–50.00
–58.33
–66.67
–75.00
–83.33
–91.67
–100.00
–30
0.39
FIR2 RESPONSE
0.61
Figure 51. FIR2 Filter Response to the Input Rate of the Filter
DECIMATE-BY-2 HALF-BAND FILTER (HB2)
The second stage of the second cascade of the FIR-HB block is a
decimate-by-2 half-band filter. The 27-tap, symmetric, fixed
coefficient HB2 filter has low power consumption due to its
polyphase implementation. The filter has 20 bits of input and
output data with 12-bit coefficients. The normalized
coefficients used in the implementation and the 10-bit decimal
equivalent value of the coefficients are listed in Table 18. Other
coefficients are 0s.
Table 18. HB2 Filter Fixed Coefficients
Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(12-Bit)
C1, C27
0.00097656
2
C3, C25
−0.00537109
−11
C5, C23
0.015
32
C7, C21
−0.0380859
−78
C9, C19
0.0825195
169
C11, C17
−0.1821289
−373
C13, C15
0.6259766
1282
C14
1
2048
Similar to the HB1 filter, this filter can either be used or
bypassed. Writing Logic 0 to the HB1 enable bit in the FIR-HB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com