Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 42Page - Analog Devices AD6654BBCZ Datasheet HTML 43Page - Analog Devices AD6654BBCZ Datasheet HTML 44Page - Analog Devices AD6654BBCZ Datasheet HTML 45Page - Analog Devices AD6654BBCZ Datasheet HTML 46Page - Analog Devices AD6654BBCZ Datasheet HTML 47Page - Analog Devices AD6654BBCZ Datasheet HTML 48Page - Analog Devices AD6654BBCZ Datasheet HTML 49Page - Analog Devices AD6654BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
AD6654
Rev. 0 | Page 46 of 88
PROGRAMMING CRCF REGISTERS FOR AN
ASYMMETRICAL FILTER
To program the CRCF registers for an asymmetrical filter:
1.
Write NTAPS – 1 in the CRCF taps register, where NTAPS
is the number of filter taps. The absolute maximum value
for NTAPS is 64 in asymmetrical filter mode.
2.
Write 0 for the CRCF coefficient offset register.
3.
Write 0 for the symmetrical filter bit in the CRCF control
register.
4.
In the CRCF start address register, write the start address
for the coefficient RAM, typically equal to the coefficient
offset register.
5.
In the CRCF stop address register, write the stop address
for the coefficient RAM, typically equal to the following:
Coefficient Offset
+ NTAPS – 1
6.
Write all coefficients in reverse order (start with last
coefficient) to the CRCF coefficient memory register. In
8 bit microport mode or serial port mode, write the lower
byte of the memory register first and then the higher byte.
In 16-bit microport mode, write the lower 16-bits of the
CRCF memory register first and then the high four bits.
After each write access to the CRCF coefficient memory
register, the internal RAM address is incremented starting
with the start address and ending with the stop address.
Note that each write or read access increments the internal
RAM address. Therefore, all coefficients should be read first
before reading them back. Also, for debugging purposes, each
RAM address can be written individually by making the start
and stop addresses the same. Therefore, to program one RAM
location, the user writes the address of the RAM location to
both the start and stop address registers, and then writes the
coefficient memory register.
PROGRAMMING CRCF REGISTERS FOR A
SYMMETRICAL FILTER
To program the CRCF registers for a symmetrical filter:
1.
Write NTAPS – 1 in the CRCF taps register, where NTAPS
is the number of filter taps. The absolute maximum value
for NTAPS is 128 in symmetrical filter mode.
2.
Write ceil(64 – NTAPS/2) for the CRCF coefficient offset
register, where the ceil function takes the closest integer
greater than or equal to the argument.
3.
Write 1 for the symmetrical filter bit in the CRCF control
register.
4.
In the CRCF start address register, write the start address
for the coefficient RAM, typically equal to the coefficient
offset register.
5.
In the CRCF stop address register, write the stop address
for the coefficient RAM, typically equal to
ceil
(NTAPS/2) – 1.
6.
Write all coefficients to the CRCF coefficient memory
register, starting with middle of the filter and working
towards the end of the filter. When coefficients are
numbered 0 to NTAPS – 1, the middle coefficient is given
by the coefficient number ceil(NTAPS/2). In 8-bit
microport mode or serial port mode, write the lower byte
of the memory register first and then the higher byte. In
16-bit microport mode, write the lower 16-bits of the
CRCF memory register first and then the high four bits.
After each write access to the CRCF coefficient memory
register, the internal RAM address is incremented starting
with the start address and ending with the stop address.
Note that each write or read access increments the internal
RAM address. Therefore, all coefficients should be read first
before reading them back. Also, for debugging purposes, each
RAM address can be written individually by making the start
and stop addresses the same. Therefore, to program one RAM
location, the user writes the address of the RAM location to
both the start and stop address registers, and then writes the
coefficient memory register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com