Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654BBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD6654BBCZ
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654BBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD6654BBCZ Datasheet HTML 32Page - Analog Devices AD6654BBCZ Datasheet HTML 33Page - Analog Devices AD6654BBCZ Datasheet HTML 34Page - Analog Devices AD6654BBCZ Datasheet HTML 35Page - Analog Devices AD6654BBCZ Datasheet HTML 36Page - Analog Devices AD6654BBCZ Datasheet HTML 37Page - Analog Devices AD6654BBCZ Datasheet HTML 38Page - Analog Devices AD6654BBCZ Datasheet HTML 39Page - Analog Devices AD6654BBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
AD6654
Rev. 0 | Page 36 of 88
FIFTH-ORDER CIC FILTER
The signal processing stage immediately after the NCO is a CIC
filter stage. This stage implements a fixed coefficient, decimat-
ing, cascade integrated comb filter. The input rate to this filter is
the same as the data rate at the input port; the output rate from
this stage is dependent on the decimation factor.
CIC
IN
CIC
M
f
f
=
The decimation ratio, MCIC, can be programmed from 2 to 32
(only integer values). The 5-bit word in the CIC decimation
register is used to set the CIC decimation factor. A binary value
of one less than the decimation factor is written into this
register. The decimation ratio of 1 can be achieved by bypassing
the CIC filter stage. The frequency response of the filter is given
by the following equations. The gain and pass-band droop of
the CIC should be calculated by these equations. Both parame-
ters can be offset in the RCF stage.
()
5
1
5
1
1
2
1
)
(
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
−
×
=
−
−
+
Z
Z
z
H
CIC
CIC
M
S
5
)
5
(
2
1
)
(
⎟⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎜
⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
π
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
=
×
+
IN
IN
f
CIC
S
f
f
SIN
f
M
SIN
f
H
CIC
where:
fIN
is the data input rate to the channel under consideration.
SCIC
, the scale factor, is a programmable unsigned integer
between 0 and 20.
The attenuation of the data into the CIC stage should be con-
trolled in 6 dB increments. For the best dynamic range, SCIC
should be set to the smallest value possible (lowest attenuation
possible) without creating an overflow condition. This can be
accomplished safely using the following equation, where
input_level is the largest possible fraction of the full-scale value
at the input port. This value is output from the NCO stage and
pipelined into the CIC filter.
()
() 5
_
log
5
2
−
×
=
level
input
M
ceil
S
CIC
CIC
(
)
level
input
M
OL
CIC
S
CIC
CIC
_
2
5
5
×
=
+
BYPASS
The fifth-order CIC filter can be bypassed when no decimation
is required of it. When it is bypassed, the scaling operation is
not performed. In bypass mode, the output of the CIC filter is
the same as the input of the CIC filter.
CIC REJECTION
Table 15 illustrates the amount of bandwidth as a percentage of
the data rate into the CIC stage, which can be protected with
various decimation rates and alias rejection specifications. The
maximum input rate into the CIC is 150 MHz (the same as the
maximum input port data rate). The data can be scaled to any
other allowable sample rate.
Table 15 can be used to decide the minimum decimation
required in the CIC stage to preserve a certain bandwidth. The
CIC5 stage can protect a much wider bandwidth to any given
rejection, when a decimation ratio lower than that identified in
the table is used. The table helps to calculate an upper boundary
on decimation, MCIC, given the desired filter characteristics.
Table 15. SSB CIC5 Alias Rejection Table (fIN = 1)
MCIC5
−60 dB
−70 dB
−80 dB
−90 dB
−100 dB
2
8.078
6.393
5.066
4.008
3.183
3
6.367
5.110
4.107
3.297
2.642
4
5.022
4.057
3.271
2.636
2.121
5
4.107
3.326
2.687
2.170
1.748
6
3.463
2.808
2.270
1.836
1.480
7
2.989
2.425
1.962
1.588
1.281
8
2.627
2.133
1.726
1.397
1.128
9
2.342
1.902
1.540
1.247
1.007
10
2.113
1.716
1.390
1.125
0.909
11
1.924
1.563
1.266
1.025
0.828
12
1.765
1.435
1.162
0.941
0.760
13
1.631
1.326
1.074
0.870
0.703
14
1.516
1.232
0.998
0.809
0.653
15
1.416
1.151
0.932
0.755
0.610
16
1.328
1.079
0.874
0.708
0.572
17
1.250
1.016
0.823
0.667
0.539
18
1.181
0.960
0.778
0.630
0.509
19
1.119
0.910
0.737
0.597
0.483
20
1.064
0.865
0.701
0.568
0.459
21
1.013
0.824
0.667
0.541
0.437
22
0.967
0.786
0.637
0.516
0.417
23
0.925
0.752
0.610
0.494
0.399
24
0.887
0.721
0.584
0.474
0.383
25
0.852
0.692
0.561
0.455
0.367
26
0.819
0.666
0.540
0.437
0.353
27
0.789
0.641
0.520
0.421
0.340
28
0.761
0.618
0.501
0.406
0.328
29
0.734
0.597
0.484
0.392
0.317
30
0.710
0.577
0.468
0.379
0.306
31
0.687
0.559
0.453
0.367
0.297
32
0.666
0.541
0.439
0.355
0.287



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com