Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 18Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 19Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 20Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 21Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 22Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 23Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 24Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 25Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Design Recommendations
Freescale Semiconductor
22
The following tables provide a more comprehensive, step-by-step way to determine the correct address
line connections for interfacing the MCF5271 to SDRAM. To use the tables, find the one that corresponds
to the number of column address lines on the SDRAM and to the port size as seen by the MCF5271, which
is not necessarily the SDRAM port size. For example, if two 1M x 16-bit SDRAMs together form a
2M x 32-bit memory, the port size is 32 bits. Most SDRAMs likely have fewer address lines than are
shown in the tables, so follow only the connections shown until all SDRAM address lines are connected.
21
21
20
22
22
21
23
23
22
24
24
23
25
25
24
Table 6. MCF5271 to SDRAM Interface (8-Bit Port, 9-Column Address Lines)
MCF5271
Pins
A17 A16 A15 A14 A13 A12 A11 A10 A9 A18 A19 A20A21A22A23A24A25A26A27A28A29A30A31
Row
17
16
15
14
13
12
11
10
9
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Column
01
2345
67
8
SDRAM
Pins
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21 A22
Table 7. MCF5271MCF5271 to SDRAM Interface (8-Bit Port,10-Column Address Lines)
MCF5271
Pins
A17 A16 A15 A14 A13 A12 A11 A10 A9 A19 A20 A21 A22 A23 A24 A25 A26 A27 A28 A29 A30 A31
Row
1716151413121110
9
19202122
23
24
25
2627
28293031
Column
01234
5678
18
SDRAM
Pins
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21
Table 8. MCF5271MCF5271 to SDRAM Interface (8-Bit Port,11-Column Address Lines)
MCF5271
Pins
A17 A16 A15 A14 A13 A12 A11 A10 A9 A19 A21 A22 A23 A24 A25 A26 A27 A28 A29 A30 A31
Row
1716151413121110
9
19212223
24
25
26
2728
293031
Column
01234
5678
18
20
SDRAM
Pins
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20
Table 5. Generic Address Multiplexing Scheme (continued)
Address Pin Row Address Column Address
Notes Related to Port Sizes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com