Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 22Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 23Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 24Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 25Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 26Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 27Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 28Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 29Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Design Recommendations
Freescale Semiconductor
26
The serial mode interface operates in what is generally referred to as AMD mode. The MCF5271
configuration for seven-wire serial mode connections to the external transceiver are shown in Table 24.
Refer to the M5271EVB evaluation board user’s manual for an example of how to connect an external
PHY. Schematics for this board are accessible at the MCF5271 site by navigating to:
http://www.freescale.com.
Table 23. MII Mode
Signal Description
MCF5271 Pin
Transmit clock
ETXCLK
Transmit enable
ETXEN
Transmit data
ETXD[3:0]
Transmit error
ETXER
Collision
ECOL
Carrier sense
ECRS
Receive clock
ERXCLK
Receive enable
ERXDV
Receive data
ERXD[3:0]
Receive error
ERXER
Management channel clock
EMDC
Management channel serial data
EMDIO
Table 24. Seven-Wire Mode Configuration
Signal Description
MCF5271 Pin
Transmit clock
ETXCLK
Transmit enable
ETXEN
Transmit data
ETXD[0]
Collision
ECOL
Receive clock
ERXCLK
Receive enable
ERXDV
Receive data
ERXD[0]
Unused, configure as PB14
ERXER
Unused input, tie to ground
ECRS
Unused, configure as PB[13:11]
ERXD[3:1]
Unused output, ignore
ETXER
Unused, configure as PB[10:8]
ETXD[3:1]
Unused, configure as PB15
EMDC
Input after reset, connect to ground
EMDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com