Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 40Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 41Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 42Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 43Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 44Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 45Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 46Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 47Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Preliminary Electrical Characteristics
Freescale Semiconductor
44
Figure 11 shows an SDRAM write cycle.
Figure 11. SDRAM Write Cycle
8.7
General Purpose I/O Timing
Table 33. GPIO Timing1
NOTES:
1
GPIO pins include: INT, UART, and Timer pins.
NUM
Characteristic
Symbol
Min
Max
Unit
G1
G2
CLKOUT High to GPIO Output Valid
tCHPOV
—10
ns
CLKOUT High to GPIO Output Invalid
tCHPOI
1.5
—
ns
G3
G4
GPIO Input Valid to CLKOUT High
tPVCH
9—
ns
CLKOUT High to GPIO Input Invalid
tCHPI
1.5
—
ns
A[23:0]
SD_SRAS
SD_SCAS1
D[31:0]
ACTV
PALL
NOP
RAS[1:0]
WRITE
Row
Column
SD_CKE
SD_WE
CAS[3:0]
D1
D2
D4
D8
0
1
2
3
4
5
6
7
8
9
10
11
12
D7
NOP
1 DACR[CASL] = 2
D4
D3
D2
D2
D2
D4
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com