Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 33Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 34Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 35Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 36Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 37Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 38Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 39Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 40Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Preliminary Electrical Characteristics
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
37
8.5
External Interface Timing Characteristics
Table 30 lists processor bus input timings.
NOTE
All processor bus timings are synchronous; that is, input setup/hold and
output delay with respect to the rising edge of a reference clock. The
reference clock is the CLKOUT output.
All other timing relationships can be derived from these values.
7
This specification applies to the period required for the PLL to relock after changing the MFD frequency
control bits in the synthesizer control register (SYNCR).
8
Assuming a reference is available at power up, lock time is measured from the time VDD and VDDSYN are
valid to RSTOUT negating. If the crystal oscillator is being used as the reference for the PLL, then the
crystal start up time must be added to the PLL lock time to determine the total start-up time.
9
tlpll = (64 * 4 * 5 + 5 τ) Tref, where Tref = 1/Fref_crystal = 1/Fref_ext = 1/Fref_1:1, and τ = 1.57x10
-6 2(MFD +
2).
10 PLL is operating in 1:1 PLL mode.
11 Jitter is the average deviation from the programmed frequency measured over the specified interval at
maximum fsys/2. Measurements are made with the device powered by filtered supplies and clocked by a
stable external clock signal. Noise injected into the PLL circuitry via VDDSYN and VSSSYN and variation in
crystal oscillator frequency increase the Cjitter percentage for a given interval.
12 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of
Cjitter+Cmod.
13 Modulation percentage applies over an interval of 10
µs, or equivalently the modulation rate is 100KHz.
14 Modulation rate selected must not result in f
sys/2 value greater than the fsys/2 maximum specified value.
Modulation range determined by hardware design.
15 f
sys/2 = fico / (2 * 2
RFD)
Table 30. Processor Bus Input Timing Specifications
Name
Characteristic1
NOTES:
1
Timing specifications are tested using full drive strength pad configurations in a 50ohm transmission line
environment..
Symbol
Min
Max
Unit
freq
System bus frequency
fsys/2
50
50
MHz
B0
CLKOUT period
tcyc
1/50
ns
Control Inputs
B1a
Control input valid to CLKOUT high2
2
TEA and TA pins are being referred to as control inputs.
tCVCH
9—
ns
B1b
BKPT valid to CLKOUT high3
3
Refer to figure A-19.
tBKVCH
9—
ns
B2a
CLKOUT high to control inputs invalid2
tCHCII
0—
ns
B2b
CLKOUT high to asynchronous control input BKPT invalid3
tBKNCH
0—
ns
Data Inputs
B4
Data input (D[31:0]) valid to CLKOUT high
tDIVCH
4—
ns
B5
CLKOUT high to data input (D[31:0]) invalid
tCHDII
0—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com