Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 12Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 13Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 14Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 15Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 16Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 17Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 18Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 19Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Modes of Operation
Freescale Semiconductor
16
5
Modes of Operation
5.1
Chip Configuration Mode—Device
Operating Options
•
Chip operating mode:
— Master mode
•
Boot device/size:
— External device boot
– 32-bit
– 16-bit (Default)
–8-bit
•
Output pad strength:
PST[3:0]
—
—
—
O
77:74
M11, N11, P11,
L10
Test
TEST
—
—
—
I
19
F5
PLL_TEST
—
—
—
I
—
Power Supplies
VDDPLL
—
—
—
I
87
M13
VSSPLL
—
—
—
I
84
L14
OVDD
—
—
—
I
1, 18, 32, 41, 55,
69, 81, 94, 105,
114, 128, 138,
145
E5, E7, E10, F7,
F9, G6, G8, H7,
H8, H9, J6, J8,
J10, K5, K6, K8
VSS
—
—
—
I
17, 31, 40, 54,
67, 80, 88, 93,
104, 113, 127,
137, 144, 160
A1, A14, E6, E9,
F6, F8, F10, G7,
G9, H6, J5, J7,
J9, K7, P1, P14
VDD
—
—
—
I
16, 53, 103
D6, F11, G4, L4
NOTES:
1
Refers to pin’s primary function. All pins which are configurable for GPIO have a pullup enabled
in GPIO mode with the exception of PBUSCTL[7], PBUSCTL[4:0], PADDR, PBS, PSDRAM.
2
If JTAG_EN is asserted, these pins default to Alternate 1 (JTAG) functionality. The GPIO
module is not responsible for assigning these pins.
Table 2. MCF5270 and MCF5271 Signal Information and Muxing (continued)
Signal Name
GPIO
Alternate 1 Alternate 2 Dir.1
MCF5270
MCF5271
160 QFP
MCF5270
MCF5271
196 MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com