Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 4Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 5Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 6Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 7Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 8Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 9Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 10Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 11Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Features
Freescale Semiconductor
8
To support program trace, the Version 2 debug module provides processor status (PST[3:0]) and debug
data (DDATA[3:0]) ports. These buses and the PSTCLK output provide execution status, captured operand
data, and branch target addresses defining processor activity at the CPU’s clock rate.
3.4
JTAG
The MCF5271 supports circuit board test strategies based on the Test Technology Committee of IEEE and
the Joint Test Action Group (JTAG). The test logic includes a test access port (TAP) consisting of a 16-state
controller, an instruction register, and three test registers (a 1-bit bypass register, a 330-bit boundary-scan
register, and a 32-bit ID register). The boundary scan register links the device’s pins into one shift register.
Test logic, implemented using static logic design, is independent of the device system logic.
The MCF5271 implementation can do the following:
•
Perform boundary-scan operations to test circuit board electrical continuity
•
Sample MCF5271 system pins during operation and transparently shift out the result in the
boundary scan register
•
Bypass the MCF5271 for a given circuit board test by effectively reducing the boundary-scan
register to a single bit
•
Disable the output drive to pins during circuit-board testing
•
Drive output pins to stable levels
3.5
On-chip Memories
3.5.1
Cache
The 8-Kbyte cache can be configured into one of three possible organizations: an 8-Kbyte instruction
cache, an 8-Kbyte data cache or a split 4-Kbyte instruction/4-Kbyte data cache. The configuration is
software-programmable by control bits within the privileged Cache Configuration Register (CACR). In all
configurations, the cache is a direct-mapped single-cycle memory, organized as 512 lines, each containing
16 bytes of data. The memories consist of a 512-entry tag array (containing addresses and control bits) and
a 8-Kbyte data array, organized as 2048 x 32 bits.
If the desired address is mapped into the cache memory, the output of the data array is driven onto the
ColdFire core's local data bus, completing the access in a single cycle. If the data is not mapped into the
tag memory, a cache miss occurs and the processor core initiates a 16-byte line-sized fetch. The cache
module includes a 16-byte line fill buffer used as temporary storage during miss processing. For all data
cache configurations, the memory operates in write-through mode and all operand writes generate an
external bus cycle.
3.5.2
SRAM
The SRAM module provides a general-purpose 64-Kbyte memory block that the ColdFire core can access
in a single cycle. The location of the memory block can be set to any 64-Kbyte boundary within the
4-Gbyte address space. The memory is ideal for storing critical code or data structures, for use as the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com