Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 42Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 43Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 44Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 45Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 46Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 47Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 48Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 49Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Preliminary Electrical Characteristics
Freescale Semiconductor
46
Figure 13. RESET and Configuration Override Timing
* Refer to the Coldfire Integration Module (CIM) section for more information.
8.9
I2C Input/Output Timing Specifications
Table 35 lists specifications for the I2C input timing parameters shown in Figure 14.
Table 36 lists specifications for the I2C output timing parameters shown in Figure 14.
Table 35. I2C Input Timing Specifications between I2C_SCL and I2C_SDA
Num
Characteristic
Min
Max
Units
I1
Start condition hold time
2
—
tcyc
I2
Clock low period
8
—
tcyc
I3
I2C_SCL/I2C_SDA rise time (VIL = 0.5 V to VIH =2.4 V)
—
1
ms
I4
Data hold time
0
—
ns
I5
I2C_SCL/I2C_SDA fall time (VIH = 2.4 V to VIL = 0.5 V)
—
1
ms
I6
Clock high time
4
—
tcyc
I7
Data setup time
0
—
ns
I8
Start condition setup time (for repeated start condition only)
2
—
tcyc
I9
Stop condition setup time
2
—
tcyc
Table 36. I2C Output Timing Specifications between I2C_SCL and I2C_SDA
Num
Characteristic
Min
Max
Units
I11
Start condition hold time
6
—
tcyc
I2 1
Clock low period
10
—
tcyc
I3 2
I2C_SCL/I2C_SDA rise time (VIL = 0.5 V to
VIH = 2.4 V)
——
µs
I4 1
Data hold time
7
—
tcyc
I5 3
I2C_SCL/I2C_SDA fall time (VIH = 2.4 V to
VIL =0.5 V)
—3
ns
I6 1
Clock high time
10
—
tcyc
R1
R2
CLKOUT
RESET
RSTOUT
R3
R4
R8
R7
R6
R5
Configuration Overrides*:
R4
(RCON, Override pins])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com