Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 29Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 30Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 31Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 32Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 33Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 34Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 35Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 36Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Preliminary Electrical Characteristics
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
33
8.2
Thermal Characteristics
Table 27 lists thermal resistance values
2
This device contains circuitry protecting against damage due to high static voltage or
electrical fields; however, it is advised that normal precautions be taken to avoid application of
any voltages higher than maximum-rated voltages to this high-impedance circuit. Reliability of
operation is enhanced if unused inputs are tied to an appropriate logic voltage level (e.g.,
either VSS or OVDD).
3
Input must be current limited to the value specified. To determine the value of the required
current-limiting resistor, calculate resistance values for positive and negative clamp voltages,
then use the larger of the two values.
4
All functional non-supply pins are internally clamped to VSS and OVDD.
5
Power supply must maintain regulation within operating OVDD range during instantaneous
and operating maximum current conditions. If positive injection current (Vin > OVDD) is greater
than IDD, the injection current may flow out of OVDD and could result in external power supply
going out of regulation. Insure external OVDD load will shunt current greater than maximum
injection current. This will be the greatest risk when the processor is not consuming power
(ex; no clock).Power supply must maintain regulation within operating OVDD range during
instantaneous and operating maximum current conditions.
Table 27. Thermal Characteristics
Characteristic
Symbol
196
MAPBGA
160QFP
Unit
Junction to ambient, natural convection
Four layer board (2s2p)
θ
JMA
321,2
NOTES:
1
θ
JMA and Ψjt parameters are simulated in conformance with EIA/JESD Standard 51-2 for natural convection.
Motorola recommends the use of
θ
JmA and power dissipation specifications in the system design to prevent
device junction temperatures from exceeding the rated specification. System designers should be aware that
device junction temperatures can be significantly influenced by board layout and surrounding devices.
Conformance to the device junction temperature specification can be verified by physical measurement in the
customer’s system using the
Ψ
jt parameter, the device power dissipation, and the method described in
EIA/JESD Standard 51-2.
2
Per JEDEC JESD51-6 with the board horizontal.
403,4
3
θ
JMA and Ψjt parameters are simulated in conformance with EIA/JESD Standard 51-2 for natural convection.
Motorola recommends the use of
θ
JmA and power dissipation specifications in the system design to prevent
device junction temperatures from exceeding the rated specification. System designers should be aware that
device junction temperatures can be significantly influenced by board layout and surrounding devices.
Conformance to the device junction temperature specification can be verified by physical measurement in the
customer’s system using the
Ψ
jt parameter, the device power dissipation, and the method described in
EIA/JESD Standard 51-2.
4
Per JEDEC JESD51-6 with the board horizontal.
°C/W
Junction to ambient (@200 ft/min)
Four layer board (2s2p)
θ
JMA
295,6
365,6
°C/W
Junction to board
θ
JB
205
5
Thermal resistance between the die and the printed circuit board in conformance with JEDEC JESD51-8.
Board temperature is measured on the top surface of the board near the package.
256
6
Thermal resistance between the die and the printed circuit board in conformance with JEDEC JESD51-8.
Board temperature is measured on the top surface of the board near the package.
°C/W
Junction to case
θ
JC
107
108
°C/W
Junction to top of package
Ψ
jt
25,9
25,10
°C/W
Maximum operating junction temperature
Tj
104
105
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com