Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 31Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 32Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 33Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 34Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 35Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 36Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 37Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 38Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Preliminary Electrical Characteristics
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
35
High Impedance (Off-State) Leakage Current
Vin = VDD or VSS, All input/output and output pins
IOZ
–1.0
—
1.0
µA
Output High Voltage (All input/output and all output pins)
IOH = –5.0 mA
VOH
OVDD - 0.5
—
__
V
Output Low Voltage (All input/output and all output pins)
IOL = 5.0mA
VOL
__
—
0.5
V
Weak Internal Pull Up Device Current, tested at VIL Max.
2
IAPU
–10
—
– 130
µA
Input Capacitance 3
All input-only pins
All input/output (three-state) pins
Cin
—
—
—
7
7
pF
Load Capacitance4
Low drive strength
High drive strength
CL
—
25
50
pF
Core Operating Supply Current 5
Master Mode
IDD
—
135
150
mA
Pad Operating Supply Current
Master Mode
Low Power Modes
OIDD
—
—
100
TBD
—
—
mA
µA
DC Injection Current 3, 6, 7, 8
VNEGCLAMP =VSS– 0.3 V, VPOSCLAMP = VDD + 0.3
Single Pin Limit
Total processor Limit, Includes sum of all stressed pins
IIC
–1.0
–10
1.0
10
mA
NOTES:
1
Refer to Table 29 for additional PLL specifications.
2
Refer to the MCF5271 signals section for pins having weak internal pull-up devices.
3
This parameter is characterized before qualification rather than 100% tested.
4
pF load ratings are based on DC loading and are provided as an indication of driver strength. High speed interfaces require
transmission line analysis to determine proper drive strength and termination. See High Speed Signal Propagation:
Advanced Black Magic by Howard W. Johnson for design guidelines.
5
Current measured at maximum system clock frequency, all modules active, and default drive strength with matching load.
6
All functional non-supply pins are internally clamped to VSS and their respective VDD.
7
Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values for positive and negative clamp voltages, then use the larger of the two values.
8
Power supply must maintain regulation within operating VDD range during instantaneous and operating maximum current
conditions. If positive injection current (Vin > VDD) is greater than IDD, the injection current may flow out of VDD and could
result in external power supply going out of regulation. Insure external VDD load will shunt current greater than maximum
injection current. This will be the greatest risk when the processor is not consuming power. Examples are: if no system
clock is present, or if clock rate is very low which would reduce overall power consumption. Also, at power-up, system clock
is not present during the power-up sequence until the PLL has attained lock.
Table 28. DC Electrical Specifications1 (continued)
Characteristic
Symbol
Min
Typical
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com