Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 44Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 45Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 46Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 47Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 48Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 49Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 50Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 51Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Preliminary Electrical Characteristics
Freescale Semiconductor
48
Figure 15 shows MII receive signal timings listed in Table 37.
Figure 15. MII Receive Signal Timing Diagram
8.10.2 MII Transmit Signal Timing (ETXD[3:0], ETXEN,
ETXER, ETXCLK)
Table 38 lists MII transmit channel timings.
The transmitter functions correctly up to a ETXCLK maximum frequency of 25 MHz +1%. There is no
minimum frequency requirement. In addition, the processor clock frequency must exceed twice the
ETXCLK frequency.
The transmit outputs (ETXD[3:0], ETXEN, ETXER) can be programmed to transition from either the
rising or falling edge of ETXCLK, and the timing is the same in either case. This options allows the use
of non-compliant MII PHYs.
Refer to the Ethernet chapter for details of this option and how to enable it.
Table 37. MII Receive Signal Timing
Num
Characteristic
Min
Max
Unit
M1
ERXD[3:0], ERXDV, ERXER to ERXCLK setup
5
—
ns
M2
ERXCLK to ERXD[3:0], ERXDV, ERXER hold
5
—
ns
M3
ERXCLK pulse width high
35%
65%
ERXCLK period
M4
ERXCLK pulse width low
35%
65%
ERXCLK period
Table 38. MII Transmit Signal Timing
Num
Characteristic
Min
Max
Unit
M5
ETXCLK to ETXD[3:0], ETXEN, ETXER invalid
5
—
ns
M6
ETXCLK to ETXD[3:0], ETXEN, ETXER valid
—
25
ns
M7
ETXCLK pulse width high
35%
65%
ETXCLK period
M8
ETXCLK pulse width low
35%
65%
ETXCLK period
M1
M2
ERXCLK (input)
ERXD[3:0] (inputs)
ERXDV
ERXER
M3
M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com