Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 13Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 14Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 15Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 16Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 17Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 18Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 19Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 20Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Modes of Operation
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
17
— Partial drive strength (Default)
— Full drive strength
•
Clock mode:
— Normal PLL with external crystal
— Normal PLL with external clock
— 1:1 PLL Mode
— External oscillator mode (no PLL)
•
Chip Select Configuration:
— PADDR[7:5] configured as chip select(s) and/or address line(s)
– PADDR[7:5] configured as A23-A21 (default)
– PADDR configured as CS6, PADDR[6:5] as A22-A21
– PADDR[7:6] configured as CS[6:5], PADDR5 as A21
– PADDR[7:5] configured as CS[6:4]
5.1.1
Chip Configuration Pins
Table 3. Configuration Pin Descriptions
Pin
Chip Configuration
Function
Pin State/Meaning
Comments
RCON
Chip configuration
enable
1 Disabled
0 Enabled
Active low: if asserted, then all
configuration pins must be driven
appropriately for desired operation
D16
Select chip
operating mode
1Master
0 Reserved
D20, D19
Select external boot
device data port size
00,11 External (32-bit)
10 External (8-bit)
01 External (16-bit)
Value read defaults to 32-bit
D21
Select output pad
drive strength
1Full
0 Partial
CLKMOD1,
CLKMOD0
Select clock mode
00 External clock mode (no
PLL)
01 1:1 PLL mode
10 Normal PLL with
external clock reference
11 Normal PLL with crystal
clock reference
VDDPLL must be supplied if a PLL
mode is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com