Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 28Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 29Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 30Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 31Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 32Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 33Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 34Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 35Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Preliminary Electrical Characteristics
Freescale Semiconductor
32
7.5
Ordering Information
8
Preliminary Electrical Characteristics
This chapter contains electrical specification tables and reference timing diagrams for the MCF5271
microcontroller unit. This section contains detailed information on power considerations, DC/AC
electrical characteristics, and AC timing specifications of MCF5271.
The electrical specifications are preliminary and are from previous designs or design simulations. These
specifications may not be fully tested or guaranteed at this early stage of the product life cycle, however
for production silicon these specifications will be met. Finalized specifications will be published after
complete characterization and device qualifications have been completed.
NOTE
The parameters specified in this processor document supersede any values
found in the module specifications.
8.1
Maximum Ratings
Table 25. Orderable Part Numbers
Freescale Part
Number
Description
Speed
Temperature
PCF5270AB100
MCF5270 RISC Microprocessor, 160 QFP
100MHz
0
° to +70° C
PCF5270VM100
MCF5270 RISC Microprocessor, 196 MAPBGA
100MHz
0
° to +70° C
PCF5271CAB100
MCF5271 RISC Microprocessor, 160 QFP
100MHz
-40
° to +85° C
PCF5271CVM100
MCF5271 RISC Microprocessor, 196 MAPBGA
100MHz
-40
° to +85° C
Table 26. Absolute Maximum Ratings1, 2
NOTES:
1
Functional operating conditions are given in DC Electrical Specifications. Absolute Maximum
Ratings are stress ratings only, and functional operation at the maxima is not guaranteed.
Continued operation at these levels may affect device reliability or cause permanent damage
to the device.
Rating
Symbol
Value
Unit
Core Supply Voltage
VDD
– 0.5 to +2.0
V
Pad Supply Voltage
OVDD
– 0.3 to +4.0
V
Clock Synthesizer Supply Voltage
VDDPLL
– 0.3 to +4.0
V
Digital Input Voltage 3
VIN
– 0.3 to + 4.0
V
Instantaneous Maximum Current
Single pin limit (applies to all pins) 3,4,5
ID
25
mA
Operating Temperature Range (Packaged)
TA
(TL - TH)
– 40 to 85
°C
Storage Temperature Range
Tstg
– 65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com