Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5271CVM100 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 39Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 40Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 41Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 42Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 43Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 44Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 45Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 46Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Preliminary Electrical Characteristics
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
43
Figure 10 shows an SDRAM read cycle.
Figure 10. SDRAM Read Cycle
Table 32. SDRAM Timing
NUM
Characteristic
Symbol
Min
Max
Unit
D1
CLKOUT high to SDRAM address valid
tCHDAV
—9
ns
D2
CLKOUT high to SDRAM control valid
tCHDCV
—9
ns
D3
CLKOUT high to SDRAM address invalid
tCHDAI
1.5
—
ns
D4
CLKOUT high to SDRAM control invalid
tCHDCI
1.5
—
ns
D5
SDRAM data valid to CLKOUT high
tDDVCH
4—
ns
D6
CLKOUT high to SDRAM data invalid
tCHDDI
1.5
—
ns
D71
NOTES:
1
D7 and D8 are for write cycles only.
CLKOUT high to SDRAM data valid
tCHDDVW
—9
ns
D82
CLKOUT high to SDRAM data invalid
tCHDDIW
1.5
—
ns
A[23:0]
RAS
D[31:0]
ACTV
NOP
PALL
NOP
RAS[1:0]
READ
Column
SD_CKE
0
SDWE
CAS[3:0]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
D1
D2
D4
D6
D5
D4
D4
1 DACR[CASL] = 2
CAS 1
NOP
D4
Row
D3
D2
D2
D2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com