Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 26 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 26 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 22Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 23Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 24Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 25Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 26Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 27Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 28Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 29Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 216 page
background image
24
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
8.3
Synchronous (Burst) Read Mode and Configuration Register
When a series of adjacent addresses needs to be read from the device (in order from lowest to
highest address), the synchronous (or burst read) mode can be used to significantly reduce the
overall time needed for the device to output array data. After an initial access time required for
the data from the first address location, subsequent data is output synchronized to a clock input
provided by the system.
The device offers both continuous and linear methods of burst read operation, which are dis-
cussed in sections 8.3.1, 8.3.2, and 8.3.3.
Since the device defaults to asynchronous read mode after power-up or a hardware reset, the
configuration register must be set to enable the burst read mode. Other Configuration Register
settings include the number of wait states to insert before the initial word (tIACC) of each burst
access, the burst mode in which to operate, and when RDY indicates data is ready to be read.
Prior to entering the burst mode, the system should first determine the configuration register set-
tings (and read the current register settings if desired via the Read Configuration Register
command sequence), and then write the configuration register command sequence. See 8.3.4
and Table 13.1 for further details.
Figure 8.1 Synchronous/Asynchronous State Diagram
The device outputs the initial word subject to the following operational conditions:
tIACC specification: the time from the rising edge of the first clock cycle after addresses are
latched to valid data on the device outputs.
Configuration register setting CR13–CR11: the total number of clock cycles (wait states)
that occur before valid data appears on the device outputs. The effect is that tIACC is
lengthened.
The device outputs subsequent words tBACC after the active edge of each successive clock cycle,
which also increments the internal address counter. The device outputs burst data at this rate sub-
ject to the following operational conditions:
Power-up/
Hardware Reset
Asynchronous Read
Mode Only
Synchronous Read
Mode Only
Set Burst Mode
Configuration Register
Command for
Synchronous Mode
(CR15 = 0)
Set Burst Mode
Configuration Register
Command for
Asynchronous Mode
(CR15 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com