Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 3 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 3 Page - SPANSION

  S75WS256NDFBAWMB Datasheet HTML 1Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 2Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 3Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 4Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 5Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 6Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 7Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 8Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 216 page
background image
Publication Number S75WS-N-00
Revision A Amendment 0 Issue Date February 17, 2005
General Description
The S75WS-N Series is a product line of stacked Multi-Chip Product (MCP) packages and consists
of the following items:
One or more S29WSxxxN code Flash
CellularRAM
One or more S29RS-N data storage Flash
The products covered by this document are listed in the table below:
Distinctive Characteristics
MCP Features
Power supply voltage of 1.7 V to 1.95 V
High Performance
— 54 MHz, 66 MHz
Packages
—9 x 12 mm 84 ball FBGA
Operating Temperature
— Wireless, –25°C to +85°C
S75WS256Nxx Based MCPs
Stacked Multi-Chip Product (MCP)
256 Megabit (16M x 16-bit) CMOS 1.8 Volt-only
Simultaneous Read/Write, Burst-mode Flash Memory with
128 Mb (8M x 16-Bit) CellularRAM and
512 Mb (32M x 16-bit) Data Storage
Data Sheet
PRELIMINARY
Device
Code Flash
Density
RAM
Density
Data Storage
Flash Density
256 Mb
128 Mb
512 Mb
S75WS256NDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com