Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 17 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 17 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 13Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 14Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 15Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 16Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 17Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 18Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 19Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 20Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 21Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
15
Advance
Information
5
Connection Diagrams/Physical Dimensions
This section contains the I/O designations and package specifications for the S75WS.
5.1
Special Handling Instructions for FBGA Package
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning meth-
ods. The package and/or data integrity may be compromised if the package body is exposed to
temperatures above 150°C for prolonged periods of time.
5.2
Connection Diagram – Cellular Ram-Based Pinout, 9 x 12 mm
Figure 5.1 Connection Diagram – Cellular Ram-Based 84-ball Fine-Pitch Ball Grid Array
5.3
Physical Dimensions
5.3.1
Physical Dimensions – xxx084 – Fine Pitch Ball Grid Array 9 x 12 mm
TBD
DNU
M1
DNU
M10
Legend:
MirrorBit™
Data Flash Only
X
RAM Only
X
Flash
Shared Only
X
X
X
All Shared
X
X
X
DNU
X
X
X
RFU
X
X
X
X
Code
Flash Only
A10
DNU
A1
DNU
B2
ADV#
RFU
B3
B4
CLK
F-VCC
B6
RFU
B7
RFU
B8
RFU
B9
B9
RFU
B5
F1-WP#
C2
A7
C3
C3
C3
C3
R-LB#
C4
WE#
C6
A8
C7
A11
C8
F2-CE#
C9
F-ACC
C5
C5
C5
C5
A3
D2
A6
D3
R-UB#
D4
RFU
D6
A19
D7
D7
D7
D7
A12
D8
D8
D8
D8
A15
D9
D9
D9
D9
F-RST#
D5
D5
D5
D5
A2
E2
A5
E3
A18
E4
A20
E6
A9
E7
A13
E8
A21
E9
RDY
E5
A1
F2
A4
F3
A17
F4
A23
F5
F5
F5
F5
A10
F7
A14
F8
A22
F9
RFU
F5
A0
G2
VSS
G3
DQ1
G4
RFU
G6
DQ6
G7
A24
G8
A16
G9
RFU
G5
F-CE#
H2
OE#
H3
DQ9
H4
DQ4
H6
DQ13
H7
DQ15
H8
R-CRE
H9
DQ3
H5
R-CE1#
J2
DQ0
J3
DQ10
J4
R-VCC
J6
DQ12
J7
DQ7
J8
VSS
J9
F-VCC
J5
RFU
K2
DQ8
K3
DQ2
K4
A25
K6
DQ5
K7
DQ14
K8
RFU
K9
DQ11
K5
RFU
L2
RFU
L3
RFU
L4
RFU
L6
RFU
L7
RFU
L8
RFU
L9
F-VCC
L5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com