Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 59 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 59 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 55Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 56Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 57Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 58Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 59Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 60Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 61Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 62Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 63Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
57
Advance
Information
Notes
1.
There is no special addressing order required for programming the password. Once the
Password is written and verified, the Password Mode Locking Bit must be set in order to pre-
vent access.
2.
The Password Program Command is only capable of programming 0s. Programming a 1 after
a cell is programmed as a 0 results in a time-out with the cell as a 0.
3.
The password is all 1s when shipped from the factory.
4.
All 64-bit password combinations are valid as a password.
5.
There is no means to verify what the password is after it is set.
6.
The Password Mode Lock Bit, once set, prevents reading the 64-bit password on the data
bus and further password programming.
7.
The Password Mode Lock Bit is not erasable.
8.
The lower two address bits (A1–A0) are valid during the Password Read, Password Program,
and Password Unlock.
9.
The exact password must be entered in order for the unlocking function to occur.
10. The Password Unlock command cannot be issued any faster than 1 µs at a time to prevent
a hacker from running through all the 64-bit combinations in an attempt to correctly match
a password.
11. Approximately 1 µs is required for unlocking the device after the valid 64-bit password is
given to the device.
12. Password verification is only allowed during the password programming operation.
13. All further commands to the password region are disabled and all operations are ignored.
14. If the password is lost after setting the Password Mode Lock Bit, there is no way to clear the
PPB Lock Bit.
15. Entry command sequence must be issued prior to any of any operation and it disables reads
and writes for Bank 0. Reads and writes for other banks excluding Bank 0 are allowed.
16. If the user attempts to program or erase a protected sector, the device ignores the com-
mand and returns to read mode.
17. A program or erase command to a protected sector enables status polling and returns to
read mode without having modified the contents of the protected sector.
18. The programming of the DYB, PPB, and PPB Lock for a given sector can be verified by writing
individual status read commands DYB Status, PPB Status, and PPB Lock Status to the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com