Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 39 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 39 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 35Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 36Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 37Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 38Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 39Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 40Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 41Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 42Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
37
Advance
Information
Figure 8.4 Write Buffer Programming Operation
8.5.3
Sector Erase
The sector erase function erases one or more sectors in the memory array. (See Table 13.1 and
Figure 8.5) The device does not require the system to preprogram prior to erase. The Embedded
Erase algorithm automatically programs and verifies the entire memory for an all zero data pat-
tern prior to electrical erase. After a successful sector erase, all locations within the erased sector
contain FFFFh. The system is not required to provide any controls or timings during these
operations.
After the command sequence is written, a sector erase time-out of no less than tSEA occurs. Dur-
ing the time-out period, additional sector addresses and sector erase commands may be written.
Loading the sector erase buffer may be done in any sequence, and the number of sectors may be
from one sector to all sectors. The time between these additional cycles must be less than tSEA.
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Issue
Write Buffer Load Command:
Address 555h, Data 25h
Load Word Count to Program
Program Data to Address:
SA = wc
Unlock Cycle 1
Unlock Cycle 2
wc = number of words – 1
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
wc = 0?
Write Buffer
Abort Desired?
Write Buffer
Abort?
Polling Status
= Done?
Error?
FAIL. Issue reset command
to return to read array mode.
Write to a Different
Sector Address to Cause
Write Buffer Abort
PASS. Device is in
read mode.
Confirm command:
SA 29h
Wait 4
µs
Perform Polling Algorithm
(see Write Operation Status
flowchart)
Write Next Word,
Decrement wc:
PA
data , wc = wc – 1
RESET. Issue Write Buffer
Abort Reset Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com