Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 36 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 36 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 32Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 33Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 34Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 35Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 36Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 37Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 38Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 39Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 216 page
background image
34
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
Note: Base = Base Address.
The following is a C source code example of using the single word program function. Refer to
the Spansion Low Level Driver User’s Guide (available on www.amd.com and
www.fujitsu.com) for general information on Spansion Flash memory software development
guidelines.
/* Example: Program Command
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00A0;
/* write program setup command
*/
*( (UINT16 *)pa )
= data;
/* write data to be programmed
*/
/* Poll for program completion */
8.5.2
Write Buffer Programming
Write Buffer Programming allows the system to write a maximum of 32 words in one program-
ming operation. This results in a faster effective word programming time than the standard word
programming algorithms. The Write Buffer Programming command sequence is initiated by first
writing two unlock cycles. This is followed by a third write cycle containing the Write Buffer Load
command written at the Sector Address in which programming occurs. At this point, the system
writes the number of word locations minus 1 that are loaded into the page buffer at the Sector
Address in which programming occurs. This tells the device how many write buffer addresses are
loaded with data and therefore when to expect the Program Buffer to Flash confirm command.
The number of locations to program cannot exceed the size of the write buffer or the operation
aborts. (Number loaded = the number of locations to program minus 1. For example, if the sys-
tem programs 6 address locations, then 05h should be written to the device.)
The system then writes the starting address/data combination. This starting address is the first
address/data pair to be programmed, and selects the write-buffer-page address. All subsequent
address/data pairs must fall within the elected-write-buffer-page.
The write-buffer-page is selected by using the addresses AMAX - A5.
The write-buffer-page addresses must be the same for all address/data pairs loaded into the write
buffer. (This means Write Buffer Programming cannot be performed across multiple write-buffer-
pages. This also means that Write Buffer Programming cannot be performed across multiple sec-
tors. If the system attempts to load programming data outside of the selected write-buffer-page,
the operation ABORTs.)
After writing the Starting Address/Data pair, the system then writes the remaining address/data
pairs into the write buffer.
Note that if a Write Buffer address location is loaded multiple times, the address/data pair counter
is decremented for every data load operation. Also, the last data loaded at a location before the
Program Buffer to Flash confirm command is programmed into the device. It is the software's re-
sponsibility to comprehend ramifications of loading a write-buffer location more than once. The
Software Functions and Sample Code
Table 8.12 Single Word Program
(LLD Function = lld_ProgramCmd)
Cycle
Operation
Byte Address
Word Address
Data
Unlock Cycle 1
Write
Base + AAAh
Base + 555h
00AAh
Unlock Cycle 2
Write
Base + 554h
Base + 2AAh
0055h
Program Setup
Write
Base + AAAh
Base + 555h
00A0h
Program
Write
Word Address
Word Address
Data Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com