Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 86 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 86 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 82Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 83Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 84Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 85Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 86Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 87Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 88Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 89Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 90Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 216 page
background image
84
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
12.8.7
Erase and Programming Performance
Notes:
1. Typical program and erase times assume the following conditions: 25°C, 1.8 V VCC, 10,000 cycles; checkerboard data
pattern.
2. Under worst case conditions of 90°C, VCC = 1.70 V, 100,000 cycles.
3. Typical chip programming time is considerably less than the maximum chip programming time listed, and is based on
utilizing the Write Buffer.
4. In the pre-programming step of the Embedded Erase algorithm, all words are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command.
See the Appendix for further information about command definitions.
6. Contact the local sales office for minimum cycling endurance values in specific applications and operating conditions.
7. Refer to Application Note Erase Suspend/Resume Timing for more details.
8. Word programming specification is based upon a single word programming operation not utilizing the write buffer.
9. The content in this document is Advance information for the S29WS064N and S29WS128N. Content in this document
is Preliminary for the S29W256N.
Parameter
Typ (Note 1)Max (Note 2)
Unit
Comments
Sector Erase Time
64 Kword
VCC
0.6
3.5
s
Excludes 00h
programming prior
to erasure (Note 4)
16 Kword
VCC
<0.15
2
Chip Erase Time
VCC
153.6 (WS256N)
77.4 (WS128N)
39.3 (WS064N)
308 (WS256N)
154 (WS128N)
78 (WS064N)
s
ACC
130.6 (WS256N)
65.8 (WS128N)
33.4 (WS064N)
262 (WS256N)
132 (WS128N)
66 (WS064N)
Single Word Programming Time
(Note 8)
VCC
40
400
µs
ACC
24
240
Effective Word Programming Time
utilizing Program Write Buffer
VCC
9.4
94
µs
ACC
6
60
Total 32-Word Buffer Programming
Time
VCC
300
3000
µs
ACC
192
1920
Chip Programming Time (Note 3)
VCC
157.3 (WS256N)
78.6 (WS128N)
39.3 (WS064N)
314.6 (WS256N)
157.3 (WS128N)
78.6 (WS064N)
s
Excludes system
level overhead
(Note 5)
ACC
100.7 (WS256N)
50.3 (WS128N)
25.2 (WS064N)
201.3 (WS256N)
100.7 (WS128N)
50.3 (WS064N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com