Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 92 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 92 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 88Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 89Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 90Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 91Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 92Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 93Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 94Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 95Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 96Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 216 page
background image
90
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
Table 13.5 Device Geometry Definition
Addresses
Data
Description
27h
0019h (WS256N)
0018h (WS128N)
0017h (WS064N)
Device Size = 2N byte
28h
29h
0001h
0000h
Flash Device Interface description (refer to CFI publication 100)
2Ah
2Bh
0006h
0000h
Max. number of bytes in multi-byte write = 2N
(00h = not supported)
2Ch
0003h
Number of Erase Block Regions within device
2Dh
2Eh
2Fh
30h
0003h
0000h
0080h
0000h
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
31h
00FDh (WS256N)
007Dh (WS128N)
003Dh (WS064N)
Erase Block Region 2 Information
32h
33h
34h
0000h
0000h
0002h
35h
36h
37h
38h
0003h
0000h
0080h
0000h
Erase Block Region 3 Information
39h
3Ah
3Bh
3Ch
0000h
0000h
0000h
0000h
Erase Block Region 4 Information
Table 13.6 Primary Vendor-Specific Extended Query
Addresses
Data
Description
40h
41h
42h
0050h
0052h
0049h
Query-unique ASCII string PRI
43h
0031h
Major version number, ASCII
44h
0034h
Minor version number, ASCII
45h
0100h
Address Sensitive Unlock (Bits 1-0), 0 = Required, 1 = Not Required
Silicon Technology (Bits 5-2) 0100 = 0.11 µm
46h
0002h
Erase Suspend,
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
0001h
Sector Protect,
0 = Not Supported, X = Number of sectors in per group
48h
0000h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
0008h
Sector Protect/Unprotect scheme
08 = Advanced Sector Protection
4Ah
00F3h (WS256N)
007Bh (WS128N)
003Fh (WS064N)
Simultaneous Operation
Number of Sectors in all banks except boot bank
4Bh
0001h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
0000h
Page Mode Type,
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page, 04 = 16 Word Page
4Dh
0085h
ACC (Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Eh
0095h
ACC (Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Fh
0001h
Top/Bottom Boot Sector Flag
0001h = Dual Boot Device
50h
0001h
Program Suspend. 00h = not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com