Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 97 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 97 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 93Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 94Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 95Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 96Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 97Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 98Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 99Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 100Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 101Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 216 page
background image
Publication Number S75WS-N-00
Revision A Amendment 0 Issue Date February 17, 2005
DATA SHEET
S29RS512N
512 Megabit (32 M x 16-Bit) CMOS 1.8 Volt-only
Read/Write, Burst Mode, Mass Storage Flash Memory
for Multi-Chip Products (MCP)
Distinctive Characteristics
Architectural Advantages
Single 1.8 volt read, program and erase (1.65
to 1.95 volt)
Manufactured on 0.11 µm MirrorBitTM process
Read/Write operation
— Zero latency between read and write operations
Programable Burst Interface
— 2 Modes of Burst Read Operation
— Linear Burst: 8, 16, and 32 words with or without
wrap-around
— Continuous Sequential Burst
Sector Architecture
— one-hundred-twenty-eight 256 Kword sectors
100,000 erase cycle per sector typical
20-year data retention typical
Performance Charcteristics
Read access times at 80/66/54 MHz
— Burst access times of 9.1/11.2/13.5 ns
— Synchronous latency of 148 ns
— Asynchronous random access times of 143 ns
High Performance
— Typical word programming time of 40 µs
— Typical effective word programming time of 9.4 µs
utilizing a 32-Word Write Buffer at Vcc Level
— Typical effective word programming time of 6 µs
utilizing a 32-Word Write Buffer at ACC Level
— Typical 2 s sector erase time for 256 Kword sectors
Power dissipation (typical values, CL = 30 pF)
@ 80 MHz
— Continuous Burst Mode Read: 35 mA
— Program: 19 mA
—Erase: 19 mA
— Standby mode: 20 µA
Hardware Features
Sector Protection
— Dynamic Protection Bits (DYB) are assigned to every
sector
— A command sector protection to lock/unlock
combinations of individual sectors to prevent/allow
program or erase operations within that sector.
Handshaking feature available
— Provides host system with minimum possible latency
by monitoring RDY
ACC input: Acceleration function reduces
programming time in a factory setting
Low VCC write inhibit
Software Features
Software command set compatible with
JEDEC 42.4 standards
Data# Polling and toggle bits
— Provides a software method of detecting program and
erase operation completion
Erase Suspend/Resume
— Suspends an erase operation to read data from, or
program data to, a sector that is not being erased,
then resumes the erase operation
Program Suspend/Resume
— Suspends a programming operation to read data from
a sector other than the one being programmed, then
resume the programming operation
Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
Additional Features
Program Operation
— Ability to perform synchronous and asynchronous
write operation independent of burst control register
setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com