Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 93 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 93 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 89Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 90Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 91Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 92Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 93Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 94Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 95Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 96Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 97Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
91
Advance
Information
51h
0001h
Unlock Bypass, 00 = Not Supported, 01=Supported
52h
0007h
Secured Silicon Sector (Customer OTP Area) Size 2N bytes
53h
0014h
Hardware Reset Low Time-out during an embedded
algorithm to read mode Maximum 2N ns
54h
0014h
Hardware Reset Low Time-out not during an embedded
algorithm to read mode Maximum 2N ns
55h
0005h
Erase Suspend Time-out Maximum 2N ns
56h
0005h
Program Suspend Time-out Maximum 2N ns
57h
0010h
Bank Organization: X = Number of banks
58h
0013h (WS256N)
000Bh (WS128N)
0007h (WS064N)
Bank 0 Region Information. X = Number of sectors in bank
59h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 1 Region Information. X = Number of sectors in bank
5Ah
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 2 Region Information. X = Number of sectors in bank
5Bh
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 3 Region Information. X = Number of sectors in bank
5Ch
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 4 Region Information. X = Number of sectors in bank
5Dh
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 5 Region Information. X = Number of sectors in bank
5Eh
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 6 Region Information. X = Number of sectors in bank
5Fh
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 7 Region Information. X = Number of sectors in bank
60h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 8 Region Information. X = Number of sectors in bank
61h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 9 Region Information. X = Number of sectors in bank
62h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 10 Region Information. X = Number of sectors in bank
63h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 11 Region Information. X = Number of sectors in bank
64h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 12 Region Information. X = Number of sectors in bank
65h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 13 Region Information. X = Number of sectors in bank
66h
0010h (WS256N)
0008h (WS128N)
0004h (WS064N)
Bank 14 Region Information. X = Number of sectors in bank
67h
0013h (WS256N)
000Bh (WS128N)
0007h (WS064N)
Bank 15 Region Information. X = Number of sectors in bank
Table 13.6 Primary Vendor-Specific Extended Query (Continued)
Addresses
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com