Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 74 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 74 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 70Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 71Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 72Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 73Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 74Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 75Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 76Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 77Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 78Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 216 page
background image
72
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
Notes:
1. Figure assumes 6 wait states for initial access and synchronous read.
2. The Set Configuration Register command sequence has been written with CR8=0; device outputs RDY one cycle before
valid data.
Figure 12.10 Linear Burst with RDY Set One Cycle Before Data
12.8.4
AC Characteristics—Asynchronous Read
Notes:
1. Not 100% tested.
2. The content in this document is Advance information for the S29WS064N and S29WS128N. Content in this document
is Preliminary for the S29W256N.
Parameter
Description
54 MHz
66 MHz
80 MHz
Unit
JEDEC
Standard
tCE
Access Time from CE# Low
Max
80
ns
tACC
Asynchronous Access Time
Max
80
ns
tAVDP
AVD# Low Time
Min
8
ns
tAAVDS
Address Setup Time to Rising Edge of AVD#
Min
4
ns
tAAVDH
Address Hold Time from Rising Edge of AVD#
Min
7
6
ns
tOE
Output Enable to Output Valid
Max
13.5
ns
tOEH
Output Enable Hold Time
Read
Min
0
ns
Data# Polling
Min
10
ns
tOEZ
Output Enable to High Z (see Note)
Max
10
ns
tCAS
CE# Setup Time to AVD#
Min
0
ns
Da+1
Da
Da+2
Da+3
Da + n
OE#
Data
Addresses
Aa
AVD#
RDY
CLK
CE#
tCES
tACS
tAVC
tAVD
tACH
tOE
tRACC
tOEZ
tCEZ
tIACC
tAOE
tBDH
6 wait cycles for initial access shown.
Hi-Z
Hi-Z
Hi-Z
12
3
4
5
6
tRDYS
tBACC
tCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com