Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 46 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 46 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 42Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 43Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 44Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 45Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 46Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 47Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 48Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 49Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 50Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 216 page
background image
44
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
The following are C source code examples of using the unlock bypass entry, program, and exit
functions. Refer to the Spansion Low Level Driver User’s Guide (available soon on www.amd.com
and www.fujitsu.com) for general information on Spansion Flash “memory software development
guidelines.
/* Example: Unlock Bypass Entry Command
*/
*( (UINT16 *)bank_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)bank_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)bank_addr + 0x555 ) = 0x0020;
/* write unlock bypass command
*/
/* At this point, programming only takes two write cycles.
*/
/* Once you enter Unlock Bypass Mode, do a series of like
*/
/* operations (programming or sector erase) and then exit
*/
/* Unlock Bypass Mode before beginning a different type of
*/
/* operations.
*/
/* Example: Unlock Bypass Program Command
*/
/* Do while in Unlock Bypass Entry Mode!
*/
*( (UINT16 *)bank_addr + 0x555 ) = 0x00A0;
/* write program setup command
*/
*( (UINT16 *)pa )
= data;
/* write data to be programmed
*/
/* Poll until done or error.
*/
/* If done and more to program, */
/* do above two cycles again.
*/
/* Example: Unlock Bypass Exit Command */
*( (UINT16 *)base_addr + 0x000 ) = 0x0090;
*( (UINT16 *)base_addr + 0x000 ) = 0x0000;
8.5.9
Write Operation Status
The device provides several bits to determine the status of a program or erase operation. The
following subsections describe the function of DQ1, DQ2, DQ3, DQ5, DQ6, and DQ7.
DQ7: Data# Polling.
The Data# Polling bit, DQ7, indicates to the host system whether an Em-
bedded Program or Erase algorithm is in progress or completed, or whether a bank is in Erase
Suspend. Data# Polling is valid after the rising edge of the final WE# pulse in the command se-
Software Functions and Sample Code
Table 8.20 Unlock Bypass Entry
(LLD Function = lld_UnlockBypassEntryCmd)
Cycle
Description
Operation
Byte Address
Word Address
Data
1
Unlock
Write
Base + AAAh
Base + 555h
00AAh
2
Unlock
Write
Base + 554h
Base + 2AAh
0055h
3
Entry Command
Write
Base + AAAh
Base + 555h
0020h
Table 8.21 Unlock Bypass Program
(LLD Function = lld_UnlockBypassProgramCmd)
Cycle
Description
Operation
Byte Address
Word Address
Data
1
Program Setup Command
Write
Base + xxxh
Base +xxxh
00A0h
2
Program Command
Write
Program Address
Program Address
Program Data
Table 8.22 Unlock Bypass Reset
(LLD Function = lld_UnlockBypassResetCmd)
Cycle
Description
Operation
Byte Address
Word Address
Data
1
Reset Cycle 1
Write
Base + xxxh
Base +xxxh
0090h
2
Reset Cycle 2
Write
Base + xxxh
Base +xxxh
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com