Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 18 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 18 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 14Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 15Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 16Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 17Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 18Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 19Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 20Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 21Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 216 page
background image
16
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
5.4
Look-Ahead Connection Diagram
Look Ahead Pinout – 1.8 V only x 16NOR + x16pSRAM + x16MirrorBit Data
Notes:
1. F1 and F2 denote XIP/Code Flash, while F3 and F4 denote Data/Companion Flash
2. In addition to being defined as F2-CE#, Ball C5 can also be assigned as F1-CE2# for code that has two chip enable
signals.
Figure 5.2 Look Ahead Pinout – 1.8 V only x 16NOR + x16pSRAM + x16MirrorBit Data
To provide customers with a migration path to higher densities, as well as the option to stack more
die in a package, Spansion has prepared a standard pinout that supports:
NOR Flash and SRAM densities up to 4 Gigabits
NOR Flash and PSRAM densities up to 4 Gigabits
NOR Flash and PSRAM and DATA STORAGE densities up to 4 Gigabits
The signal locations of the resultant MCP device are shown above. Note that for different densi-
ties, the actual package outline may vary. However, any pinout in any MCP will be a subset of the
pinout above.
Legend:
xRAM Shared
pSRAM Only
Flash/xRAM
Shared
Flash/Data
Shared
RFU
(Reserved for
Future Use)
Code Flash Only
X
MirrorBit Data
Only
X
X
X
X
X
X
X
X
X
X
X
X
X
X
RFU
B1
B10
RFU
B2
RFU
B9
RFU
F-DQS0
N1
N1
F-DQS1
N10
RFU
N2
RFU
N9
RFU
P1
RFU
P10
P2
RFU
RFU
P9
A1
RFU
RFU
A10
RFU
A2
RFU
A9
D3
A7
ACC
D5
R-LB#
D4
D7
A8
WP#
D2
D8
A11
F3-CE#
D9
D6
WE#
F3
F3
A5
F5
RDY/WAIT#
F4
F4
A18
F7
F7
A9
F2
F2
A2
F8
F8
A13
F9
F9
A21
F6
F6
A20
J3
OE#
J5
DQ3
J4
DQ9
J7
DQ13
F1-CE#
J2
J8
DQ15
R-CRE or
R-MRS
J9
J6
DQ4
L3
L3
DQ8
L5
L5
DQ11
L4
L4
DQ2
L7
L7
DQ5
R-VCC
L2
L8
L8
DQ14
WP#
L9
L6
L6
A25
C3
VSS
F2-CE#
C5
C4
CLK
F-CLK#
C7
AVD#
C2
R-OE#
C8
F2-OE#
C9
F-VCC
C6
C6
C6
C6
E3
A6
F-RST#
C7
R-UB#
D4
E7
A19
E2
A3
E8
A12
E9
A15
R1-CE2
E6
A4
G3
G3
R2-CE1
G5
A17
G4
G4
A10
G7
G7
A1
G2
G2
A14
G8
G8
A22
G9
G9
A23
G6
G6
H3
H3
VSS
R2-VCC
H5
H4
H4
DQ1
H7
DQ6
H2
H2
A0
H8
A24
H9
A16
R2-CE2
H6
DQ0
K3
K3
F-VCC
K5
DQ10
K4
K4
K7
K7
DQ12
R1-CE1#
K2
DQ7
K8
K8
K9
K9
VSS
R1-VCC
E6
M3
A26
F-VCC
M5
M4
VSS
R-VCCQ
M7
M2
A27
F-VCCQ
M8
R-CLK#
M9
F4-CE#
M6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com